Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8448-2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CR8448-2000
Description  High Ratio Wire Lead Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CR8448-2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CR8448-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CR Magnetics, Inc. 3500 Scarlet Oak Blvd. St. Louis MO USA 63122 V: 636-343-8518 F: 636-343-5119
Web: http://www.crmagnetics.com
E-mail: sales@crmagnetics.com
91
F
High Ratio Wire Lead Transformers
CR Magnetics CR8400 Series of Wire Lead Current Transformers are
available in a wide range of sizes and materials to meet any AC current
sensing needs. Our General Purpose designs are made from the
highest quality silicon steel cores available, and meet most of the common AC
current measurement needs. Our Revenue Grade CTs (-N) are made
from a nickel alloy core which provides the most linear response over
temperature and current level. A line of Ground Fault (-G) CTs for
measuring low AC currents including electrical shields. The High
Frequency
(-F) products are designed for high frequency applications such
as high frequency power supplies and motor drives.
CR8400 SERIES
Ir = Maximum Input Current to be linearly sensed
Vmax = Maximum Voltage (Saturation) CT will develop
Te = Effective turns ratio including losses (All Specifications tested at 60 Hz)
Applications
Motor Load Measurement
Power Meters
High Frequency Current Sensing
Ground Fault Sensing
Features
High Ratio
Standard Footprints
Specifications
Maximum Continuous Primary Current
4 X Ir
Insulation Voltage
3500 Vac/1min
Storage Temp.
-45°C thru +85 °C
Operating Temp. General Purpose & Nickel -40°C thru +85 °C
Operating Temp. High Frequency
-40°C thru +65 °C
Regulatory Agencies
Part Number
Prefix
A
min
B
max
C
max
D
max
E
Typ
CR8401
6.99
.275
17.53
.690
22.35
.880
8.26
.325
75.08
2.275
CR8410
9.0
.35
22
.87
27.8
1.09
8.20
.323
73
2.87
CR8420
15.0
.59
30.0
1.18
36.0
1.41
9.2
.36
100
3.94
CR8448
7.11
.280
23.42
.922
29.46
1.16
11.05
.435
100
3.94
Part Number
Prefix
A
min
B
max
C
max
D
max
E
Typ
CR8449
9.14
.354
26.0
1.02
31.8
1.25
17.0
.67
100
3.94
CR8450
13.08
.515
36.83
1.45
43.18
1.70
13.97
.55
88.9
3.50
CR8459
19
.75
48
1.89
60
2.36
17.5
.67
200
7.88
PACKAGE DIMENSIONS AND OUTLINE (mm/in)
GENERAL PURPOSE CURRENT TRANSFORMERS
Part Number
Ir
Vmax RMS
Te (typ.)
DCR
Frequency
CR8401-1000
10
2.2
1009
49
20 - 1 KHz
CR8410-1000
20
3.1
1012
41
20 - 1 KHz
CR8420-1000
50
5.2
1018
22
20 - 1 KHz
CR8420-2000
75
9.0
1983
90
20 - 1 KHz
CR8448-1000
30
6.3
990
26
20 - 1 KHz
CR8448-2000
50
13.7
2046
106
20 - 1 KHz
CR8449-1000
50
11.6
1016
35
20 - 1 KHz
CR8449-2000
75
23
2046
150
20 - 1 KHz
CR8450-1000
100
16.5
1021
21
20 - 1 KHz
CR8450-2000
200
32
2037
73
20 - 1 KHz
REVENUE GRADE CURRENT TRANSFORMERS
Part Number
Ir
Vmax RMS
Te (typ.)
DCR
Frequency
CR8448-2500-N
40
6.6
2510
134
20 - 1 KHz
CR8449-2500-N
50
10.0
2490
187
20 - 1 KHz
CR8450-2500-N
75
12.0
2512
160
20 - 1 KHz
CR8459-2000-N
200
11.5
2011
74
20 - 1 KHz
GROUND FAULT CURRENT TRANSFORMERS
Part Number
Ir
Vmax RMS
Te (typ.)
DCR
Frequency
CR8401-1000-G
4
0.6
1005
49
20 - 1 KHz
CR8410-1000-G
7
0.8
1007
38
20 - 1 KHz
CR8420-1000-G
20
1.4
1011
44
20 - 1 KHz
HIGH FREQUENCY CURRENT TRANSFORMERS
Part Number
Ir
Vmax RMS
Te (typ.)
DCR
Frequency
CR8448-2000-F
50
3.9
2015
90
20 - 200 KHz
CR8449-2000-F
75
7.4
2017
109
20 - 200 KHz
CR8450-2000-F
100
8.5
2020
63
20 - 200 KHz
V =
I x R
Te
VL
I
V
R
DCR
For best linearity, choose R such that V < 0.8 VL
VL = Vmax
-
Te
I x DCR
B
A
D
C
E


Similar Part No. - CR8448-2000

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CR8-ND1-R MSYSTEM-CR8-ND1-R Datasheet
320Kb / 4P
   Remote I/O R8 Series POWER/NETWORK MODULE
CR8-ND1-R/Q MSYSTEM-CR8-ND1-R/Q Datasheet
320Kb / 4P
   Remote I/O R8 Series POWER/NETWORK MODULE
logo
Central Semiconductor C...
CR80-010 CENTRAL-CR80-010 Datasheet
70Kb / 1P
   80 AMP GENERAL PURPOSE SILICON RECTIFIER 100 THRU 1200 VOLTS
CR80-020 CENTRAL-CR80-020 Datasheet
70Kb / 1P
   80 AMP GENERAL PURPOSE SILICON RECTIFIER 100 THRU 1200 VOLTS
CR80-040 CENTRAL-CR80-040 Datasheet
70Kb / 1P
   80 AMP GENERAL PURPOSE SILICON RECTIFIER 100 THRU 1200 VOLTS
More results

Similar Description - CR8448-2000

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com