Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4741 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # 1N4741
Description  1W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4741 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N4741 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4741 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4741 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CE
1N4728 THRU 1N4764
CHENYI ELECTRONICS
1W SILICON PLANAR ZENER DIODES
FEATURES
. Silicon planar power zener diodes
For use in stabilizing and clipping circuits with high power rating.
. Standaards Zener voltage toerance is
10%
Add suffix"A" for
5% tolerance Other tolerance available upon
request
MECHANICAL DATA
. Case: DO-41 glass case
.weight: Approx. 0.35 gram
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25
)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=25
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
1)Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRCAL CHARACTERISTICS(TA=25
)
Symbols
Min
Typ
Max
Units
Thermal resistance junction to ambient
RthA
170 1)
/W
Forward voltage at IF=200mA
VF
1.2
V
1) Valid provided that a distance at 8mm from case are kept at ambient temperature
1 1)
175
-65 to +175
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 3


Similar Part No. - 1N4741

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
1N4741 BYTESONIC-1N4741 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Surge Components
1N4741 SURGE-1N4741 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4741 SSC-1N4741 Datasheet
173Kb / 3P
   Zener Diodes
logo
Diode Semiconductor Kor...
1N4741 DSK-1N4741 Datasheet
400Kb / 3P
   ZENER DIODES
logo
Semtech Corporation
1N4741 SEMTECH-1N4741 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4741

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com