Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2F200N4S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DB2F200N4S
Description  Ultra-Fast Soft Recovery Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DB2F200N4S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DB2F200N4S Datasheet HTML 1Page - List of Unclassifed Manufacturers DB2F200N4S Datasheet HTML 2Page - List of Unclassifed Manufacturers DB2F200N4S Datasheet HTML 3Page - List of Unclassifed Manufacturers DB2F200N4S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright@Dawin Electronics Corp. All right reserved
DB2F200N4S
DBC2F200N4S
Jan. 2007
Thermal Characteristics
Symbol
Parameter
Values
Unit
Conditions
Rth(j-c)
Thermal Resistance
Junction to Case
Min.
Typ.
Max.
0.18
/W
-
-
Electrical Characteristics @ Tj=25℃ (unless otherwise specified)
Symbol
Parameter
Values
Unit
Conditions
VR
VFM
IRRM
Trr
Cathode Anode Breakdown
Voltage
Maximum Forward Voltage
Repetitive Peak Reverse
Current
Reverse Recovery Time
IR = 100uA
IFM = 200A, Tc = 25℃
IFM = 200A, Tc =100℃
TC = 100℃, VRRM applied
IFM = 200A,
VR = 200V
di/dt=-100A/us]
Min.
Typ.
Max.
-
1.3
1.1
2.0
200
-
V
V
V
mA
ns
ns
400
-
-
-
-
-
-
1.05
0.95
-
150
220
Tc = 25℃
Tc = 100℃
2/4


Similar Part No. - DB2F200N4S

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
DB2F-A1AA ZFSWITCHES-DB2F-A1AA Datasheet
279Kb / 2P
   Precision switch with high repeat accuracy
DB2F-A1BA ZFSWITCHES-DB2F-A1BA Datasheet
279Kb / 2P
   Precision switch with high repeat accuracy
DB2F-B1AA ZFSWITCHES-DB2F-B1AA Datasheet
279Kb / 2P
   Precision switch with high repeat accuracy
DB2F-B1BA ZFSWITCHES-DB2F-B1BA Datasheet
279Kb / 2P
   Precision switch with high repeat accuracy
DB2F-C1AA ZFSWITCHES-DB2F-C1AA Datasheet
279Kb / 2P
   Precision switch with high repeat accuracy
More results

Similar Description - DB2F200N4S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
SDM2F100G04FE SEMIHOW-SDM2F100G04FE Datasheet
239Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
SDM2F125G12FS SEMIHOW-SDM2F125G12FS Datasheet
271Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
logo
List of Unclassifed Man...
UFT20040CT ETC2-UFT20040CT Datasheet
196Kb / 4P
   Ultra-fast Soft Recovery Diode Module
UFT20060CT ETC2-UFT20060CT Datasheet
193Kb / 4P
   Ultra-fast Soft Recovery Diode Module
logo
SemiHow Co.,Ltd.
SDM2F60G04FS SEMIHOW-SDM2F60G04FS Datasheet
309Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
SDM2F75G12FS SEMIHOW-SDM2F75G12FS Datasheet
271Kb / 4P
   Ultra-Fast Soft Recovery Diode Module
logo
International Rectifier
HFA45HI60C IRF-HFA45HI60C Datasheet
73Kb / 2P
   ULTRA FAST, SOFT RECOVERY DIODE
HFA45HI120C IRF-HFA45HI120C Datasheet
82Kb / 2P
   ULTRA FAST, SOFT RECOVERY DIODE
HFA45HC120C IRF-HFA45HC120C Datasheet
71Kb / 2P
   ULTRA FAST, SOFT RECOVERY DIODE
IRD3CH82DB6 IRF-IRD3CH82DB6 Datasheet
203Kb / 6P
   Ultra Fast-Soft Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com