Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG12KC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MG12KC
Description  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MG12KC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MG12KC Datasheet HTML 5Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 6Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 7Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 8Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 9Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 10Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 11Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 12Page - List of Unclassifed Manufacturers MG12KC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
D
D9
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SECURITY GUARDS for switch series 12000, 3500, 600H and 6000
With keying
With locking ring
With 'D' flat
PANEL CUT-OUTS & OPTIONS
P Holes for wiring seal
Cap engraving available - consult factory.
Other locking configurations such as locked center position available - consult factory.
Series 20 - 30 - 40
Series 50 - 60 - 70
SECURITY GUARDS for switch series 3500, 600H and 6000
Series 90
Bushing shapes - for standard products
Actuator locked in center position
- for other products
A
B
C
D
E
F
G
H
Security guard cap colors
Color of stripes
How to order
Locks in center
Prevents down
Prevents up
Locks in down
Locks in up
position
position
position
position
position
1
5
4
3
2
OPTION COLOR
1
Blue
2
Black
3
Green
4
Gray
5
Yellow
6
Red
7/1
White
9
Orange
0
Striped (see
color of stripes)
Security guard cap shape
OPTION
STRIPE 1 STRIPE 2
A
Red
Black
B
Yellow
Black
C
Red
White
D
White
Black
Series
Bushing shape Cap shape Cap color Color of stripes
Example of completely specified
model number:
90A10B
9
0
Fill in boxes by making selections from each category
indicated.


Similar Part No. - MG12KC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG12KC ETC2-MG12KC Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Similar Description - MG12KC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com