Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWT-DHX0 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HPWT-DHX0
Description  SuperFlux LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPWT-DHX0 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HPWT-DHX0 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPWT-DHX0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SuperFluxLEDsDatasheetDS0520140220©2014PhilipsLumiledsLightingCompany.
2
Selection Guide
Table 1. Device Type Overview
LED Color
Device Type
Typical Total Included Angle [1]
(degrees)
u
0.90V
Red
HPWT-RDx0
44X88
HPWT-MDx0
100
HPWT-DDx0
70
HPWT-BDx0
50
Red-Orange
HPWT-RHx0
44X88
HPWT-MHx0
100
HPWT-DHx0
70
HPWT-BHx0
50
Amber
HPWT-RLx0
44X88
HPWT-MLx0
100
HPWT-DLx0
70
HPWT-BLx0
50
Notes for Table 1:
1. u
0.90Vistheincludedangleatwhich90%ofthetotalluminousfluxiscaptured.
Absolute Maximum Ratings
Table 2.
Parameter
HPWT
Units
DCForwardCurrent[1]
70
mA
PowerDissipation
221
mW
ReverseVoltage(IR=100µA)
10
V
OperatingTemperatureRange
-40-+100
°C
StorageTemperatureRange
-55-+100
°C
HighTemperatureChamber
125°C,2hours
LEDJunctionTemperature
125°C
Notes for Table 2:
1. DerateasshowninFigures4.


Similar Part No. - HPWT-DHX0

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPWT-DH00 HP-HPWT-DH00 Datasheet
137Kb / 6P
   Super Flux LEDs
logo
Lumileds Lighting Compa...
HPWT-DH00 LUMILEDS-HPWT-DH00 Datasheet
850Kb / 10P
   SuperFlux LEDs
HPWT-DH00-XXXX LUMILEDS-HPWT-DH00-XXXX Datasheet
850Kb / 10P
   SuperFlux LEDs
HPWT-DH02 LUMILEDS-HPWT-DH02 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWT-DH02-00000 LUMILEDS-HPWT-DH02-00000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
More results

Similar Description - HPWT-DHX0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
   SuperFlux LEDs
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com