Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH266 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH266
Description  HIGH VOLTAGE HALL EFFECT LATCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH266 Datasheet(HTML) 1 Page - Unisonic Technologies

  UH266 Datasheet HTML 1Page - Unisonic Technologies UH266 Datasheet HTML 2Page - Unisonic Technologies UH266 Datasheet HTML 3Page - Unisonic Technologies UH266 Datasheet HTML 4Page - Unisonic Technologies UH266 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH266
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R118-016.A
HIGH VOLTAGE HALL
EFFECT LATCH
DESCRIPTION
The UTC UH266 is a one-chip composed of Hall sensor and
output coil drivers, applied to two-phase brush-less DC motor.
The device includes an on-chip Hall plate for magnetic sensing, a
amplifier for Hall voltage, and a Schmitt trigger to provide
switching
hysteresis,
and
complementary
darlington
open-collector drivers for sinking large current loads. An internal
bandgap regulator is used to provide temperature compensated
supply voltage and allows a wide operating range.
If B>Bop, DO turn on (low) and DOB turn off (high). The
outputs state is latched prior to reach release point (Brp). if
B<Brp, DO turn off and DOB turn on. UTC UH266 is rated for
operation over temperature range from -20°C to 85°C and voltage
range from 4V to 28V.
FEATURES
* Operating voltage: 4V~28V
* Output current: 400mA(Continuous, 25°C)
* Output protection Zener breakdown Vz=62V(Typ)
* Reverse power protection
SIP-4
1
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UH266L-G04-K
UH266G-G04-K
SIP-4
Bulk
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - UH266

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH266 UTC-UH266 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
UH266G-G04-K UTC-UH266G-G04-K Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
UH266G-G04-K UTC-UH266G-G04-K Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
More results

Similar Description - UH266

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
   High Voltage Hall Effect Latch
logo
Diodes Incorporated
AH266 DIODES-AH266_13 Datasheet
215Kb / 7P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 DIODES-AH278 Datasheet
863Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266_07 Datasheet
189Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com