Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWT-DH02-H4000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HPWT-DH02-H4000
Description  SuperFlux LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPWT-DH02-H4000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HPWT-DH02-H4000 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 9Page - List of Unclassifed Manufacturers HPWT-DH02-H4000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SuperFluxLEDsDatasheetDS5520140221©2014PhilipsLumiledsLightingCompany.
5
Electrical Characteristics
ElectricalCharacteristicsatT
A=25°C
Table 4.
LED Color
Device Type
Forward Voltage V
f
[1]
(Volts) I
F = 70 mA
(HPWT)
Reverse
Breakdown @
V
R (Volts)
[1] @
I
R = 100 µA
Capacitance
C
(pF) V
F = 0
F =1 MHz.
Typical
Thermal
Resistance
(°C/W)
Ru
J-PIN
Typ. Speed of
Response
ts (ns) [2]
Min
Typ
Max
Min
Typ
Red
HPWT-xDx2
2.19
2.6
3.03
10
20
40
125
20
Red-Orange
HPWT-xHx2
2.19
2.6
3.03
10
20
40
125
20
Amber
HPWT-xLx2
2.19
2.6
3.15
10
20
40
125
20
Notes for Table 4:
1. Operationinreversebiasisnotrecommended.
2.
tsisthetimeconstant,et/ts.


Similar Part No. - HPWT-DH02-H4000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWT-DH02-H4000 LUMILEDS-HPWT-DH02-H4000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
More results

Similar Description - HPWT-DH02-H4000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
   SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com