Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C122B Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # C122B
Description  8A SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C122B Datasheet(HTML) 1 Page - Digitron Semiconductors

  C122B Datasheet HTML 1Page - Digitron Semiconductors C122B Datasheet HTML 2Page - Digitron Semiconductors C122B Datasheet HTML 3Page - Digitron Semiconductors C122B Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C122 SERIES
8A SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Characteristics
C122F
C122A
C122B
C122C
C122D
C122E
C122M
Units
VRROM VDROM
50
100
200
300
400
500
600
V
IT(RMS) (TC = 75°C, θ = 180°)
8
A
ITSM for one full cycle of applied principal voltage
400 Hz
60 Hz
50 Hz
200
100
85
A
di/dt
VD = VDROM, IGT = 80mA, tr = 0.5µs
100
A/µs
I2t
TJ = -65 to +100°C, t = 1 to 8.3 ms
40
A2s
PGM * (for 10µs max)
16
W
PG(AV) * (averaging time = 10 ms max)
0.5
W
Tstg
-65 to +150
°C
TC
-65 to +100
°C
TT During soldering for 10 s maximum
250
°C
These values do not apply if there is a positive gate signal. Gate must be open or negatively biased.
* Any values of peak gate current or peak gate voltage which result in equal or lower power are permissible.
ELECTRICAL CHARACTERISTICS
Limits
Characteristics
Min
Typ
Max
Units
IDOM or IROM
VD = VDROM or VR = VRROM, TC = 100°C
-
0.1
0.5
mA
VT
IT = 16A, TC = 25°C
-
1.45
1.83
V
IGT
VD = 12V (DC), RL = 30Ω, TC = 25°C
-
10
15
mA
VGT
VD = 12V (DC), RL = 30Ω, TC = 25°C
-
1.0
1.5
V
IHO
TC = 25°C
-
20
30
mA
dv/dt
VD = VDROM exponential voltage rise, TC = 100°C
10
100
-
V/µs
tgt
VD = VDROM, IT = 4.5A, IT = 2A, IGT = 80mA, 0.1 µs rise time,
TC = 25°C
-
1.6
2.5
µs
tq
VD = VDROM, IT = 2A, tp = 50µs, dv/dt = 200V/µs,
di/dt = -10A/µs, IGT = 200mA @ tON, TC = 75°C
-
10
35
µs
R
θJC
-
-
1.8
R
θJA
-
-
75
°C/W
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130123


Similar Part No. - C122B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
C122B SSDI-C122B Datasheet
215Kb / 4P
   8-A Silicon Controlled Rectifiers
logo
New Jersey Semi-Conduct...
C122B NJSEMI-C122B Datasheet
91Kb / 1P
   C122 SERIES
logo
Motorola, Inc
C122B1 MOTOROLA-C122B1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
C122B1 ONSEMI-C122B1 Datasheet
59Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
logo
Inchange Semiconductor ...
C122B1 ISC-C122B1 Datasheet
220Kb / 1P
   isc Thyristors
More results

Similar Description - C122B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BU8-005 FRONTIER-BU8-005 Datasheet
121Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com