Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAFL-C2-0500 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # LAFL-C2-0500
Description  Automotive Forward Lighting Source
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LAFL-C2-0500 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button LAFL-C2-0500 Datasheet HTML 5Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 6Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 7Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 8Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 9Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 10Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 11Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 12Page - Lumileds Lighting Company LAFL-C2-0500 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LUXEON Altilon Datasheet DS66 20130320
9
Typical DC Forward Current vs. Forward Voltage
The graphs below predict the change in forward voltage compared to the value at case temperature of 25°C at 1000 mA under various use
conditions. These graphs can be used to determine the effects of case temperature and forward current on the values of minimum, typical and
maximum forward voltage to define performance at the expected use condition.
Typical DC Forward Current vs. Forward Voltage 1x4 Configuration
Typical DC Forward Current vs. Forward Voltage 1x2 Configuration
Notes for Figures 5 and 6:
1. All values compared to reference value at case temperature of 25°C and 1000 mA DC forward current.
300
400
500
600
700
800
900
1000
1100
0.8
0.85
0.9
0.95
1
1.05
1.1
Normalized Forward Voltage
-40 C
0 C
25 C
55 C
85 C
110 C
130 C
Case Temperature
Figure 5. Typical forward current vs. forward voltage for 1x4 configuration.
300
400
500
600
700
800
900
1000
1100
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
Normalized Forward Voltage
-40 C
0 C
25 C
55 C
85 C
110 C
130 C
Case Temperature
Figure 6. Typical forward current vs. forward voltage for 1x2 configuration.


Similar Part No. - LAFL-C2-0500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LAFL-M2X-0500 LUMILEDS-LAFL-M2X-0500 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-0925 LUMILEDS-LAFL-M4X-0925 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-1000 LUMILEDS-LAFL-M4X-1000 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-1050 LUMILEDS-LAFL-M4X-1050 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-1100 LUMILEDS-LAFL-M4X-1100 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
More results

Similar Description - LAFL-C2-0500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
   Automotive forward lighting source
DS175 LUMILEDS-DS175 Datasheet
2Mb / 24P
   Automotive forward lighting source
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
   Exterior Automotive Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
   Automotive Lighting Exterior
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com