Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCL5750 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # CCL5750
Description  CURRENT LIMITING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

CCL5750 Datasheet(HTML) 1 Page - Digitron Semiconductors

  CCL5750 Datasheet HTML 1Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
CCL0035-CCL5750
CURRENT LIMITING DIODE
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak operating voltage
POV
100
V
Power dissipation
PD
600
mW
Operating junction and storage temperature range
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Regulator current (1)
Minimum
dynamic
impedance
Minimum knee
impedance
Maximum limiting
voltage
Temperature
coefficient(2)
IP @ VT = 25V
ZT @ VT = 25V
ZK @ VK = 6.0V
VL @ IL = 0.8 IP min
TC
mA
Part
number
Min
Nom
Max
MΩ
MΩ
V
%/°C
CCL0035
0.010
0.035
0.060
8.0
4.0
0.4
2.10 to 0.10
CCL0130
0.050
0.130
0.210
6.0
2.0
0.6
2.10 to 0.10
CCL0300
0.200
0.310
0.420
4.0
1.0
0.80
0.40 to -0.20
CCL0500
0.400
0.515
0.630
2.0
0.5
1.1
0.15 to -0.25
CCL0750
0.600
0.760
0.920
1.0
0.2
1.4
0.0 to -0.32
CCL1000
0.880
1.100
1.320
0.65
0.1
1.7
-0.10 to -0.37
CCL1500
1.280
1.500
1.720
0.45
0.070
2.0
-0.13 to -0.40
CCL2000
1.680
2.000
2.320
0.35
0.050
2.3
-0.15 to -0.42
CCL2700
2.280
2.690
3.100
0.30
0.030
2.7
-0.18 to -0.45
CCL3500
3.000
3.550
4.100
0.25
0.020
3.2
-0.20 to -0.47
CCL4500
3.900
4.500
5.100
0.20
0.010
3.7
-0.22 to -0.50
CCL5750
5.000
5.750
6.500
0.05
0.005
4.5
-0.25 to -0.53
Note 1: Pulsed method: pulse width(ms) = 27.5/ IP Nom (mA)
Note 2: The temperature coefficient is measured between the following points: +25°C, +50°C
MECHANICAL CHARACTERISTICS
Case
DO-35
Marking
Body painted, alpha-numeric
Polarity
Cathode band
DO-35
Inches
Millimeters
Min
Max
Min
Max
BD
0.055
0.090
1.400
2.290
BL
0.120
0.200
3.050
5.080
LD
0.018
0.022
0.460
0.560
LL
1.000
1.500
25.400
38.100
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130206


Similar Part No. - CCL5750

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCL5750 CENTRAL-CCL5750 Datasheet
75Kb / 2P
   CURRENT LIMITING DIODE
More results

Similar Description - CCL5750

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
   CURRENT LIMITING DIODE
CCL0035 CENTRAL-CCL0035 Datasheet
75Kb / 2P
   CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
   CURRENT LIMITING DIODE
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
   HIGH CURRENT CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
   20mA Current Limiting Diode
CLD20 MCC-CLD20 Datasheet
233Kb / 4P
   20mA Current Limiting Diode
CLD20B MCC-CLD20B Datasheet
656Kb / 4P
   20mA Current Limiting Diode
logo
Central Semiconductor C...
1N5283 CENTRAL-1N5283 Datasheet
341Kb / 2P
   SILICON CURRENT LIMITING DIODE DESCRIPTION:
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
   SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035_10 Datasheet
308Kb / 2P
   SURFACE MOUNT SILICON CURRENT LIMITING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com