Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHC1-2780-1208 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LHC1-2780-1208
Description  Uniform, High Efficacy and Easy-to-Design Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHC1-2780-1208 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LHC1-2780-1208 Datasheet HTML 5Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 6Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 7Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 8Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 9Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 10Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 11Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 12Page - Lumileds Lighting Company LHC1-2780-1208 Datasheet HTML 13Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LUXEON CoB Datasheet DS115 20140328 ©2014 Philips Lumileds Lighting Company.
10
Color Bin Definition
Table 5. 3-step and 5-step MacAdam Ellipse Color Definition
Nominal
ANSI CCT
Color Space
Center Point
(cx, cy)
Major Axis,
a
Minor Axis,
b
Ellipse
Rotation Angle
2700K
Single 3-step MacAdam ellipse
(0.4578, 0.4101)
0.00810
0.00420
53.7
3000K
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.2
3500K
Single 3-step MacAdam ellipse
(0.4073, 0.3917)
0.00927
0.00414
54.0
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.7
5000K
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.6
Nominal
ANSI CCT
Color Space
Center Point
(cx, cy)
Major Axis,
a
Minor Axis,
b
Ellipse
Rotation Angle
2700K
Single 5-step MacAdam ellipse
(0.4578, 0.4101)
0.01350
0.00700
53.7
3000K
Single 5-step MacAdam ellipse
(0.4338, 0.4030)
0.01390
0.00680
53.2
3500K
Single 5-step MacAdam ellipse
(0.4073, 0.3917)
0.01545
0.00690
54.0
4000K
Single 5-step MacAdam ellipse
(0.3818, 0.3797)
0.01565
0.00670
53.7
5000K
Single 5-step MacAdam ellipse
(0.3447, 0.3553)
0.01370
0.00590
59.6
5700K
Single 5-step MacAdam ellipse
(0.3287, 0.3417)
0.01243
0.00533
59.09
Notes for Table 5:
1. Philips Lumileds maintains a tester tolerance of ±0.005 on x,y coordinates.
2. Major and minor axis (a,b) from table 5 are a reference as depicted in figure 7.
3. 3-step for all 80- and 90 CRI part numbers.
4. 5-step for all 70 CRI part numbers.
5. Please contact Philips Lumileds for requests outside 3-step for 80- and 90 CRI parts.
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
CIE 1931 x
Black Body Locus
3-Step
2700K
3000K
3500K
4000K
5000K
5700K
3 SDCM and 5 SDCM
5-Step
Figure 7. 3-step and 5-step MacAdam ellipse color bins.


Similar Part No. - LHC1-2780-1208

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHC1-2780-1208 LUMILEDS-LHC1-2780-1208 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
More results

Similar Description - LHC1-2780-1208

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com