Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAFL-C4-0925 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LAFL-C4-0925
Description  Automotive Forward Lighting Source
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LAFL-C4-0925 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LAFL-C4-0925 Datasheet HTML 7Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 8Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 9Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 10Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 11Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 12Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 13Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 14Page - Lumileds Lighting Company LAFL-C4-0925 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LUXEON Altilon Datasheet DS66 20130320
11
Reliability Expectations and Thermal Design Requirements
Table 6.
Operating Condition
B50L80
B3L80
1000 mA, T
c = 130°C
15000hrs
5000
1000 mA, T
c = 110°C
40000
15000
700 mA, T
c = 110°C
75000
25000
500 mA, T
c = 110°C
120000
35000
Notes for Table 6:
1. As measured at the position indicated in Figure 7.
2. Lumen maintenance is a projected average value based on constant current operation while respecting the specified maximum case
temperature. Observation of design limits included in this data sheet is required in order to achieve this projected Lumen Maintenance.
3. Lifetime shown is an estimation of expected lifetimes (Bxx, Lyy) computed as 90% lower confidence limit of the LUXEON Altilon product as
a function of drive current and case temperature. The lifetime estimates in the above table reflect statistical figures based on calculations of
technical data and are subject to change.
TOP VIEW
VIEW Y
SIDE VIEW
VIEW Y
Figure 7. Case temperature measurement.
LUXEON Altilon
LUXEON Altilon Core


Similar Part No. - LAFL-C4-0925

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LAFL-M2X-0500 LUMILEDS-LAFL-M2X-0500 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-0925 LUMILEDS-LAFL-M4X-0925 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-1000 LUMILEDS-LAFL-M4X-1000 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-1050 LUMILEDS-LAFL-M4X-1050 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
LAFL-M4X-1100 LUMILEDS-LAFL-M4X-1100 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
More results

Similar Description - LAFL-C4-0925

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
   Automotive forward lighting source
DS175 LUMILEDS-DS175 Datasheet
2Mb / 24P
   Automotive forward lighting source
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
   Exterior Automotive Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
   Automotive Lighting Exterior
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com