Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXA7-PW40 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LXA7-PW40
Description  Freedom From Binning
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXA7-PW40 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LXA7-PW40 Datasheet HTML 7Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 8Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 9Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 10Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 11Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 12Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 13Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 14Page - Lumileds Lighting Company LXA7-PW40 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LUXEON R Datasheet DS101 20130506
11
Typical Light Output Characteristics over Temperature
All LUXEON R Emitters at Test Current
1.20
1 10
700mA D.C.
1.10
1.00
0.90
0.80
25
35
45
55
65
75
85
95
105
115
125
Junction Temperature Tj (C)
Figure 4. Relative light output vs. junction temperature.


Similar Part No. - LXA7-PW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXA7-PW40 LUMILEDS-LXA7-PW40 Datasheet
1Mb / 19P
   High flux for outdoor applications
LXA7-PW40 LUMILEDS-LXA7-PW40 Datasheet
1Mb / 2P
   High flux for outdoor applications
More results

Similar Description - LXA7-PW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LX18-P127-Y LUMILEDS-LX18-P127-Y Datasheet
1Mb / 17P
   Freedom From Binning
logo
List of Unclassifed Man...
LXH8-PW40 ETC1-LXH8-PW40 Datasheet
2Mb / 26P
   Freedom From Binning
logo
OSRAM GmbH
KRDMLS31.23 OSRAM-KRDMLS31.23_16 Datasheet
708Kb / 22P
   Dual Binning
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
OmniVision Technologies...
OV7261 OMNIVISION-OV7261 Datasheet
656Kb / 2P
   supports 2x2 monochrome binning
OV7251 OMNIVISION-OV7251 Datasheet
703Kb / 2P
   supports 2x2 monochrome binning
logo
Seoul Semiconductor
SDW01F1C SEOUL-SDW01F1C Datasheet
851Kb / 27P
   MacAdam 3-step binning
logo
NXP Semiconductors
FRDMCR20AUG NXP-FRDMCR20AUG Datasheet
2Mb / 24P
   Freescale Freedom Development
Rev. 0, 04/2015
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com