Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHDF-RB10400005000 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # LHDF-RB10400005000
Description  Chip Scale Package LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHDF-RB10400005000 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button LHDF-RB10400005000 Datasheet HTML 4Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 5Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 6Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 7Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 8Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 9Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 10Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 11Page - Lumileds Lighting Company LHDF-RB10400005000 Datasheet HTML 12Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LUXEON Flip Chip DS116 20131105 ©2013 Philips Lumileds Lighting Company.
8
Typical Translation from Peak Wavelength to Dominant Wavelength
Figure 8. Typical translation from peak wavelength to dominant wavelength at T
j = 25°C, If = 350 mA.


Similar Part No. - LHDF-RB10400005000

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
LHD-10-TRB ADAM-TECH-LHD-10-TRB Datasheet
73Kb / 1P
   POWER HEADER
LHD-XX-TRA ADAM-TECH-LHD-XX-TRA Datasheet
106Kb / 1P
   909 Rahway Avenue
LHD-XX-TRA-V0 ADAM-TECH-LHD-XX-TRA-V0 Datasheet
76Kb / 1P
   POWER HEADER
LHD-XX-TRB ADAM-TECH-LHD-XX-TRB Datasheet
74Kb / 1P
   POWER HEADER STRAIGHT
LHD-XX-TS ADAM-TECH-LHD-XX-TS Datasheet
77Kb / 1P
   WIRE HOUSING STRAIGHT
More results

Similar Description - LHDF-RB10400005000

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
CS280 XILINX-CS280 Datasheet
47Kb / 1P
   Ball Chip Scale Package
logo
Lumileds Lighting Compa...
PB116 LUMILEDS-PB116 Datasheet
1Mb / 2P
   High current density Chip Scale Package (CSP) LED
DS116 LUMILEDS-DS116 Datasheet
1Mb / 17P
   High current density Chip Scale Package (CSP) LED
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
logo
California Micro Device...
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com