Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LACL-C4S-0850 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # LACL-C4S-0850
Description  Automotive Forward Lighting Source
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LACL-C4S-0850 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button LACL-C4S-0850 Datasheet HTML 6Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 7Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 8Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 9Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 10Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 11Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 12Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 13Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LUXEON Altilon Datasheet DS66 20130320
10
Absolute Maximum Ratings
Table 4.
Parameter
Value
Maximum DC Forward Current (mA) [1]
1100
Minimum DC Forward Current (mA) [1]
100
Maximum Transient Peak Current
1500 mA for ≤ 10 ms
Maximum Vf at 1000 mA & -40°C [2]
15.8 Volts (1x4)
7.9 Volts (1x2)
Minimum Vf at 1000 mA & 130°C [3]
10.0 Volts (1x4)
5.0 Volts (1x2)
Maximum AC Ripple
≤50 mA rms at ≥10 kHz
ESD Sensitivity [4]
8kV HBM, 2kV CDM, 400V MM
Storage Temperature
-40°C to +130°C
Minimum Operating Case Temperature
-40°C
Maximum Case Temperature (1000 mA) [5]
130°C
Maximum Allowed Solder Pad Temperature
270°C, max. 30 sec.
Notes for Table 4:
1. Although no damage to the device will occur, driving these high power LEDs at drive currents below 350 mA or above 1000 mA may result in
unpredictable performance. Please consult your Philips Lumileds sales representative for further information.
2. Product Vf at 1000 mA operation, case temperature -40°C after 1000 hours of operation at rated conditions.
3. Product Vf at 1000 mA operation, case temperature 130°C after 1000 hours of operation at rated conditions.
4. Measured using human body model, contact discharge method, and machine model (per AEC-Q101C).
5. Maximum case temperature for short term operation only. See section on reliability expectation and thermal design requirements for
recommendations on maximum case temperature to ensure life of vehicle performance.
6. LEDs are not designed to be driven in reverse bias.
JEDEC Moisture Sensitivity
Table 6.
Level
Floor Life
Time
Conditions
1
unlimited
[ 30°C /85% RH


Similar Part No. - LACL-C4S-0850

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
LAC1-05050520-110110 CARLINGTECH-LAC1-05050520-110110 Datasheet
559Kb / 3P
   LAC1-Series: Telecom AC PDC
logo
Siemens Semiconductor G...
LAC876-PO SIEMENS-LAC876-PO Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LAC9SM OSRAM-LAC9SM Datasheet
276Kb / 15P
   SMD ceramic package with silicon resin
logo
List of Unclassifed Man...
LACC-1128 ETC2-LACC-1128 Datasheet
29Kb / 1P
   Axial Conformal Coated Inductor
logo
Caliber Electronics Inc...
LACC-1128 CALIBER-LACC-1128 Datasheet
30Kb / 1P
   Axial Conformal Coated Inductor
More results

Similar Description - LACL-C4S-0850

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
   Automotive forward lighting source
DS175 LUMILEDS-DS175 Datasheet
2Mb / 24P
   Automotive forward lighting source
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
   Exterior Automotive Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
   Automotive Lighting Exterior
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com