Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR102 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # FR102
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

FR102 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  FR102 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech FR102 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
FR101 THRU FR107
CHENYI ELECTRONICS
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0Ampere
FEATURES
. Plastic package has Underwrites Laboratory
Flammability Classification 94V-0
. Fast switching speed
. Construction utilizes void-free molded plastic technique
. Low forward voltage drop,high efficiency
. High current capability
. High reliability
MECHANICAL DATA
. Case: JEDEC DO-41 molded plastic body
. Terminals: Plated axial leads,solderable per MIL-STD-750,method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
. Weight: 0.012 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
FR101
FR102
FR103
FR104
FR105
FR106
FR107
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
100
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=75
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 1.0 A
VF
Volts
Maximum full load reverse current full cycle
average. 0.375"(9.5mm)lead length at
TL=55
Maximum reverse recovery time(Note 1)
Trr
250
ns
Typical junction Capacitance(Note 2)
CJ
pF
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0V Volts
I(AV)
Amp
IFSM
Amps
1.0
30.0
Operating and storage temperature range
TJ
TSTG
A
blocking voltage
Maximum DC Rreverse Current at rated DC
IR
15.0
-65 to +150
1.3
5.0
100
150
500
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - FR102

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR102 SY-FR102 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Surge Components
FR102 SURGE-FR102 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Electronics ...
FR102 CHENDA-FR102 Datasheet
596Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Kingtronics Internation...
FR102 KINGTRONICS-FR102 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Micro Commercial Compon...
FR102 MCC-FR102 Datasheet
79Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR102

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com