Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXK8-PW27-0008A Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # LXK8-PW27-0008A
Description  High efficacy plug and play array solution with precise flux, Vf and color
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK8-PW27-0008A Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button LXK8-PW27-0008A Datasheet HTML 6Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 7Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 8Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 9Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 10Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 11Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 12Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 13Page - Lumileds Lighting Company LXK8-PW27-0008A Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LUXEONKDatasheetDS10220140404©2014PhilipsLumiledsLightingCompany.
9
LXKx-Pxxx-xxx4(A)
Notes for Figure 2:
1. Alldimensionsareinmillimeters.
3.30
Dome Pitch
1.65
3.62
3.22
17.47
2.8
6 (2PLCS)
17.67
5.46
(2PLCS)
0.50
1.90
45.0°
3.45
1.045
Board Thickness
1.265
R1.50
(4PLCS)
0.76
Silicone height
from PCB surface
2D Barcode
R1 (2PLCS)
R1 (2PLCS)
3.30
Wire slot (2PLCS)
A
0.50
Max. runner height
from PCB surface
B
A
19.15
3 (2PLCS)
18.85
(2PLCS)
6.25 (2PLCS)
6.25 (2PLCS)
1.50
2.10
9.40
R0.50
DETAIL B
6.90
R0.50
(5PLCS)
R1
(2X)
DETAIL A
SCALE 10 : 1
(2PLCS)
2.20
2.40
(2PLCS)
3.40
3.20
1
Figure 2. Dimensions for LXKx-Pxxx-xxx4(A).


Similar Part No. - LXK8-PW27-0008A

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW27-0008A LUMILEDS-LXK8-PW27-0008A Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
More results

Similar Description - LXK8-PW27-0008A

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solution with precise flux, V and color
DS102 LUMILEDS-DS102 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Lumileds Lighting Compa...
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com