Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXV8-PW27-0014 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # LXV8-PW27-0014
Description  High Voltage (100V and 200V) LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXV8-PW27-0014 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button LXV8-PW27-0014 Datasheet HTML 5Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 6Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 7Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 8Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 9Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 10Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 11Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 12Page - Lumileds Lighting Company LXV8-PW27-0014 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LUXEONHDatasheetDS10420131113©2013PhilipsLumiledsLightingCompany.
8
Absolute Maximum Ratings
Table 9.
Parameter
Maximum Performance
LXV8-PWxx-x014(-x) [White 4 Emitters 100V]
LXV0-RW00-1014 [Royal Blue 4 Emitters 100V]
LXV8-PWxx-x024(-x) [White 4 Emitters 200V]
LXV8-PWxx-x012(-x) [White 2 Emitters 100V]
LXV0-RW00-1024 [Royal Blue 4 Emitters 200V]
LXV0-RW00-1012 [Royal Blue 2 Emitters 100V]
DCForwardCurrent(mA)[1]
100
50
PeakForwardCurrent(mA)[2]
200
100
RMSForwardCurrent(mA)[2]
100
50
ESDSensitivity
≤2000VHumanBodyModel(HBM)forLXV8-PWXX-0014
≤4000VHumanBodyModel(HBM)forLXV8-PWXX-0024
Class2JESD22-A114-E
≤400VMachineModel(MM)
ClassBJESD22-A115-B
LEDJunctionTemperature[1]
150°C
OperatingCaseTemperatureatCurrent
-40°C-135°C@20mA
-40°C-135°C@40mA
StorageTemperature
-40°C-120°C
WireSolderingTemperature
JEDEC020c260°C
AllowableLeadReflowCycles
Notapplicable,notaSMTproduct
AutoclaveConditions
121°Cat2ATM
100%RelativeHumidityfor96HoursMaximum
ReverseVoltage(Vr)
LUXEONHLEDsarenotdesignedtobedriveninreversebias
Hi-Pottestcapability
2.5mmclearancefromallelectricallyactivepadstogroundallows2.5kV
Hi-Potentialtestpass
Notes for Table 9:
1. Propercurrentderatingmustbeobservedtomaintainjunctiontemperaturebelowthemaximum.
2. ForACoperationwithaminimumof50Hz.


Similar Part No. - LXV8-PW27-0014

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXV0-PR00-0017 LUMILEDS-LXV0-PR00-0017 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0024 LUMILEDS-LXV0-PR00-0024 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0041 LUMILEDS-LXV0-PR00-0041 Datasheet
2Mb / 20P
   Best punch and easy integration
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXV100-012S ETC2-LXV100-012S Datasheet
421Kb / 2P
   LED Power Supply
More results

Similar Description - LXV8-PW27-0014

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MK1110 SANKEN-MK1110 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
   4A, 100V - 200V Ultrafast Diodes
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Panasonic Semiconductor
ECJ-2VB2A471K PANASONIC-ECJ-2VB2A471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VC2A471J PANASONIC-ECJ-2VC2A471J Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors (100V, 200V Series)
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Panasonic Semiconductor
ECJ-4YB2A684K PANASONIC-ECJ-4YB2A684K Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VB2D471K PANASONIC-ECJ-2VB2D471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com