Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV8100B Datasheet(PDF) 3 Page - Motorola, Inc

Part # TPV8100B
Description  NPN SILICON RF POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TPV8100B Datasheet(HTML) 3 Page - Motorola, Inc

  TPV8100B Datasheet HTML 1Page - Motorola, Inc TPV8100B Datasheet HTML 2Page - Motorola, Inc TPV8100B Datasheet HTML 3Page - Motorola, Inc TPV8100B Datasheet HTML 4Page - Motorola, Inc TPV8100B Datasheet HTML 5Page - Motorola, Inc TPV8100B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TPV8100B
MOTOROLA RF DEVICE DATA
IN
50
C4
R1
R2
VB
C1
C2
C3
+
L2
L1
C5
C6
C7
L3
L4
C9
C10
C11
+
OUT
50
C8
VC
C1, C9 — Chip Capacitor 15 nF
C2, C10 — Chip Capacitor 100 nF
C3, C11 — Chip Capacitor 100
µF/40 V
C4 — Chip Capacitor 15 pF ATC 100A
C5 — Chip Capacitor 5.6 pF ATC 100A
C6 — Trimmer Capacitor 1–4 pF
C7 — Chip Capacitor 12 pF ATC 100B
C8 — Chip Capacitor 15 pF ATC 100A
C12 — Chip Capacitor 12 pF ATC 100A
L1, L3 — Coaxial Wire 25
Ω/85 Mils/40 mm
L2, L4 — Printed Board Inductance
R1, R2 — Chip Resistor 1
Ω 0805 5%
Figure 2. Test Circuit
10
9
8
900
450
f, FREQUENCY (MHz)
Figure 3. Power Gain versus Frequency
60
50
40
900
450
f, FREQUENCY (MHz)
Figure 4. Collector Efficiency versus Frequency
C12
D.U.T.
TYPICAL CHARACTERISTICS
CW — WIDEBAND
Pout = 100 W
VCE = 28 V
ICQ = 2 x 50 mA
Pout = 100 W
VCE = 28 V
ICQ = 2 x 50 mA


Similar Part No. - TPV8100B

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TPV8100B ASI-TPV8100B Datasheet
25Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - TPV8100B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com