Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PW31 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXML-PW31
Description  Illumination Portfolio ANSI Binned with Minimum CRI
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PW31 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXML-PW31 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 10Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 11Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LUXEON Rebel ANSI Binned Datasheet DS63 20121212
8
Absolute Maximum Ratings
Table 5.
Parameter
Maximum Performance
DC Forward Current (mA) [3]
700
Peak Pulsed Forward Current (mA) [3]
700
Average Forward Current (mA) [3]
700
ESD Sensitivity
< 8000V Human Body Model (HBM)
Class 3A JESD22-A114-E
LED Junction Temperature[1] [3]
135°C
Operating Case Temperature at 350 mA
-40°C - 135°C
Storage Temperature
-40°C - 135°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Autoclave Conditions
121°C at 2 ATM
100% Relative Humidity for 96 Hours Maximum
Reverse Voltage (Vr)
See Note 2
Notes for Table 5:
1. Proper current derating must be observed to maintain junction temperature below the maximum.
2. LUXEON Rebel LEDs are not designed to be driven in reverse bias.
3. Maximum Ratings of 1000 mA forward drive current or LED junction temperature of 150°C can be applied for device operation
not to exceed 60 seconds.
JEDEC Moisture Sensitivity
Table 6.
Soak Requirements
Level
Floor Life
Standard
Time
Conditions
Time
Conditions
1
unlimited
[ 30°C /
168h
85°C / 85%
85% RH
+ 5 / -0
RH


Similar Part No. - LXML-PW31

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PWC1-0040 LUMILEDS-LXML-PWC1-0040 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0050 LUMILEDS-LXML-PWC1-0050 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0070 LUMILEDS-LXML-PWC1-0070 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0080 LUMILEDS-LXML-PWC1-0080 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0090 LUMILEDS-LXML-PWC1-0090 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
More results

Similar Description - LXML-PW31

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
   PRODUCT PORTFOLIO
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
SICK AG
WL11G-2B2531P04 SICK-WL11G-2B2531P04 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
   Product Portfolio Information
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
   Touch-Sensitive Switch with LED Illumination
SB54 GREATECS-SB54 Datasheet
136Kb / 1P
   SMT Slide Switches with LED Illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com