Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PB01-0040 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXML-PB01-0040
Description  LUXEON Rebel and LUXEON Rebel ES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PB01-0040 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXML-PB01-0040 Datasheet HTML 1Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PB01-0040 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LUXEONRebelColorPortfolioDatasheetDS6820140215©2014PhilipsLumiledsLightingCompany.
3
AverageLumenMaintenanceCharacteristics
LUXEONRebelcoloremittersaretestedandbinnedat350mAandLUXEONRebelEScoloremittersat
700mA,withcurrentpulsedurationof20ms.Allcharacteristicchartswherethethermalpadiskeptat
constanttemperaturearemeasuredwithcurrentpulsedurationof20ms.Undertheseconditions,junction
temperatureandthermalpadtemperaturearethesame.
PhilipsLumiledsprojectsthatgreen,cyan,blueandallroyalblueLUXEONRebelcolorproductswill
deliver,onaverage,70%lumenmaintenance(B50,L70)at50,000hoursofoperationataforwardcurrent
of700mA.Thisprojectionisbasedonconstantcurrentoperationwithjunctiontemperaturemaintained
atorbelow135°C.Red,red-orangeandamberLUXEONRebelcolorproductswillalsodeliver,onaverage,
70%lumenmaintenance(B50,L70)at50,000hoursofoperationataforwardcurrentof350mAandis
basedonconstantcurrentoperationwithjunctiontemperaturemaintainedatorbelow110°C.LUXEON
RebelPCamberdelivers,onaverage,70%lumenmaintenance(L70)at50,000hoursofoperationat
aforwardcurrentofupto700mA.Thisprojectionisbasedonconstantcurrentoperationwithjunction
temperaturemaintainedatorbelow130°C.
Thisperformanceisbasedonindependenttestdata,PhilipsLumiledshistoricaldatafromtestsrun
onsimilarmaterialsystems,andinternalLUXEONRebelreliabilitytesting.Observationofdesignlimits
includedinthisdatasheetisrequiredinordertoachievethisprojectedlumenmaintenance.
EnvironmentalCompliance
PhilipsLumiledsiscommittedtoprovidingenvironmentallyfriendlyproductstothesolid-statelighting
market.LUXEONRebelandLUXEONRebelEScolorproductsarecomplianttotheEuropeanUnion
directivesontherestrictionofhazardoussubstancesinelectronicequipment,namelyREACHandthe
RoHSdirective.PhilipsLumiledswillnotintentionallyaddthefollowingrestrictedmaterialstotheLUXEON
RebelColorPortfolio:lead,mercury,cadmium,hexavalentchromium,polybrominatedbiphenyls(PBB)or
polybrominateddiphenylethers(PBDE).


Similar Part No. - LXML-PB01-0040

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PB01-0040 LUMILEDS-LXML-PB01-0040 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PB01-0040 LUMILEDS-LXML-PB01-0040 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PB01-0040 LUMILEDS-LXML-PB01-0040 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
More results

Similar Description - LXML-PB01-0040

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com