Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXV8-PW40-0024 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXV8-PW40-0024
Description  High Voltage (100V and 200V) LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXV8-PW40-0024 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXV8-PW40-0024 Datasheet HTML 4Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 5Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 6Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 7Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 8Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 9Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 10Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 11Page - Lumileds Lighting Company LXV8-PW40-0024 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LUXEONHDatasheetDS10420131113©2013PhilipsLumiledsLightingCompany.
7
Electrical Characteristics
Electrical Characteristics for LUXEON H
Junction Temperature = 85°C
Table 7.
Part Number
Test Current (mA)
Forward Voltage V
f
[1]
(V)
Typ. Temperature
Coefficient
of Forward Voltage [2]
(mV/°C)
DV
F / DTJ
Typical Thermal
Resistance
Junction to Thermal
Pad (°C/W)
Ru
J-C
Minimum
Typical
Maximum
LXV8-PWxx-0014(-x)
40
94
96
98
-52
2.8
LXV8-PWxx-0024(-x)
20
188
192
196
-104
2.8
LXV8-PWxx-1014(-x)
40
95
98
101
-52
2.8
LXV8-PWxx-1024(-x)
20
190
196
202
-104
2.8
LXV8-PWxx-0012(-x)
40
97
100
103
-52
2.8
LXV8-PWxx-1012(-x)
40
97
100
103
-52
2.8
LXV0-PRxx-1014
80
97
100
103
-52
2.8
LXV0-PRxx-1024
40
194
198
206
-104
2.8
LXV0-PRxx-1012
40
97
100
103
-52
2.8
Notes for Table 7:
1. PhilipsLumiledsmaintainsatoleranceof±0.5%onforwardvoltagemeasurements.
2. MeasuredbetweenT
j=25°CandTj=110°C.
3. Usetotalelectricalpowerasthetotalheatdissipation.
Typical Electrical Characteristics at High Current for LUXEON H
Junction Temperature = 85°C
Table 8.
Part Number
Test Current (mA)
Typical Forward Voltage
V
f (V)
LXV8-PWxx-0014(-x)
90
100
LXV8-PWxx-0024(-x)
45
200
LXV8-PWxx-1014(-x)
90
103
LXV8-PWxx-1024(-x)
45
206
LXV8-PWxx-0012(-x)
45
100
LXV8-PWxx-1012(-x)
45
103
LXV0-PRxx-1014
90
103
LXV0-PRxx-1024
45
206
LXV0-PRxx-1012
45
103
Notes for Table 8:
1. PhilipsLumiledsmaintainsatoleranceof±0.5%onforwardvoltagemeasurements.


Similar Part No. - LXV8-PW40-0024

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXV0-PR00-0017 LUMILEDS-LXV0-PR00-0017 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0024 LUMILEDS-LXV0-PR00-0024 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0041 LUMILEDS-LXV0-PR00-0041 Datasheet
2Mb / 20P
   Best punch and easy integration
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXV100-012S ETC2-LXV100-012S Datasheet
421Kb / 2P
   LED Power Supply
More results

Similar Description - LXV8-PW40-0024

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MK1110 SANKEN-MK1110 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
   4A, 100V - 200V Ultrafast Diodes
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Panasonic Semiconductor
ECJ-2VB2A471K PANASONIC-ECJ-2VB2A471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VC2A471J PANASONIC-ECJ-2VC2A471J Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors (100V, 200V Series)
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Panasonic Semiconductor
ECJ-4YB2A684K PANASONIC-ECJ-4YB2A684K Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VB2D471K PANASONIC-ECJ-2VB2D471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com