Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C231E Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # C231E
Description  SILICON CONTROLLED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C231E Datasheet(HTML) 3 Page - Digitron Semiconductors

  C231E Datasheet HTML 1Page - Digitron Semiconductors C231E Datasheet HTML 2Page - Digitron Semiconductors C231E Datasheet HTML 3Page - Digitron Semiconductors C231E Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C230, C231 SERIES
SILICON CONTROLLED RECTIFIER
C230()3, C231()3 SERIES
C232, C233 SERIES
MECHANICAL CHARACTERISTICS
Case
TO-48 ISO (C230,C231,C230()3, C231()3 SERIES)
Marking
Body painted, alpha-numeric
Polarity
Cathode is stud
TO-48 ISO
Inches
Millimeters
Min
Max
Min
Max
A
0.551
0.559
14.000
14.200
B
0.501
0.505
12.730
12.830
C
-
1.280
-
32.510
F
-
0.160
-
4.060
H
-
0.265
-
6.730
J
0.420
0.455
10.670
11.560
K
0.300
0.350
7.620
8.890
L
0.255
0.275
6.480
6.990
Q
0.055
0.085
1.400
2.160
T
0.135
0.150
3.430
3.810
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128


Similar Part No. - C231E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C231 MOTOROLA-C231 Datasheet
123Kb / 3P
   Silicon Controlled Rectifier
logo
Vectron International, ...
C2310 VECTRON-C2310 Datasheet
157Kb / 6P
   Standard Surface Mount Package
C2310 VECTRON-C2310 Datasheet
274Kb / 5P
   TCXO EFC Standard Standard Surface Mount Package Low Phase Noise option Low Profile
C2310 VECTRON-C2310_07 Datasheet
157Kb / 6P
   Standard Surface Mount Package
logo
Sanyo Semicon Device
C2314 SANYO-C2314 Datasheet
98Kb / 4P
   27MHz CB Transceiver Driver Applications
More results

Similar Description - C231E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com