Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXK8-PW35-0016 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXK8-PW35-0016
Description  High efficacy plug and play array solution with precise flux, Vf and color
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK8-PW35-0016 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXK8-PW35-0016 Datasheet HTML 2Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 3Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 4Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 5Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 6Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 7Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 8Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 9Page - Lumileds Lighting Company LXK8-PW35-0016 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LUXEONKDatasheetDS10220140404©2014PhilipsLumiledsLightingCompany.
5
Optical Characteristics
LUXEONKWhiteatTestCurrent,JunctionTemperature=85°C
Table 3.
Part Number
Nominal
CCT
Color Temperature
CCT
Typical Total
Included Angle [2]
(degrees) u
90V
Typical
Viewing Angle [2]
(degrees) 2u ½
Typical
LXKx-PW27-xxxx(A)
2700K
2725K
125
100
LXKx-PW30-xxxx(A)
3000K
3045K
125
100
LXKx-PW35-xxxx
3500K
3465K
125
100
LXKx-PW40-xxxx(A)
4000K
3985K
125
100
LXKx-PW50-xxxx
5000K
5028K
125
100
Notes for Table 3:
1. Totalangleatwhich90%oftotalluminousfluxiscaptured.
2. Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.
LUXEONKRoyalBlue(LXK0-PRxx)atTestCurrent[1],
JunctionTemperature=85°C
Table 4.
Part Color
Peak Wavelength,
l
p
[2]
Typical Spectral
Half-width (nm)[3]
Dl
1/2
Typical Temp
Coefficient of Peak
Wavelength (nm/°C)
Dl
1/2
Typical Total
Included Angle [4]
(degrees) u
90V
Typical
Viewing Angle [5]
(degrees) 2u ½
Min
Typ
Max
RoyalBlue
447.5nm
450nm
452.5nm
20
0.05
140
116
Notes for Table 4:
1. Testcurrentis350mAforallLXK0-PRxxproducts.
2. RoyalBlueproducthassinglepeakwavelengthbin.
3. Spectralhalf-widthis½ofthepeakintensity.
4. Totalincludedangleatwhich90%oftotalradiometricpoweriscaptured.
5. Viewingangleistheoff-axisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.


Similar Part No. - LXK8-PW35-0016

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW35-0016 LUMILEDS-LXK8-PW35-0016 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
More results

Similar Description - LXK8-PW35-0016

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solution with precise flux, V and color
DS102 LUMILEDS-DS102 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Lumileds Lighting Compa...
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com