Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2300EA Datasheet(PDF) 1 Page - Littelfuse

Part # P2300EA
Description  SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2300EA Datasheet(HTML) 1 Page - Littelfuse

  P2300EA Datasheet HTML 1Page - Littelfuse P2300EA Datasheet HTML 2Page - Littelfuse P2300EA Datasheet HTML 3Page - Littelfuse P2300EA Datasheet HTML 4Page - Littelfuse P2300EA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
158
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Description
SIDACtor® Series - TO-92
SIDACtor® Series TO-92 are designed to protect
baseband equipment such as modems, line cards, CPE
and DSL from damaging overvoltage transients.
The series provides a robust through-hole solution that
enables equipment to comply with global regulatory
standards.
Electrical Characteristics
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max A max
V max
pF min pF max
P0080EALxxx
P0080EA
6
25
50
800
2.2
4
25
150
P0300EALxxx
P0300EA
25
40
50
800
2.2
4
15
140
P0640EALxxx
P0640EA
58
77
150
800
2.2
4
40
60
P0720EALxxx
P0720EA
65
88
150
800
2.2
4
35
60
P0900EALxxx
P0900EA
75
98
150
800
2.2
4
35
55
P1100EALxxx
P1100EA
90
130
150
800
2.2
4
30
50
P1300EALxxx
P1300EA
120
160
150
800
2.2
4
25
45
P1500EALxxx
P1500EA
140
180
150
800
2.2
425
40
P1800EALxxx
P1800EA
170
220
150
800
2.2
425
35
P2300EALxxx
P2300EA
190
260
150
800
2.2
425
35
P2600EALxxx
P2600EA
220
300
150
800
2.2
420
35
P3100EALxxx
P3100EA
275
350
150
800
2.2
420
35
P3500EALxxx
P3500EA
320
400
150
800
2.2
420
35
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
* A/B-rated parts require series resistance
Pin 1
Pin 3
Table continues on next page.


Similar Part No. - P2300EA

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P2300EA HUAXINAN-P2300EA Datasheet
388Kb / 7P
   SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P2300EA SOCAY-P2300EA Datasheet
225Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
HuaXinAn Electronics CO...
P2300EA HUAXINAN-P2300EA Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
logo
StarHope
P2300EA SPSEMI-P2300EA Datasheet
640Kb / 3P
   P thyristor for circuit protection
logo
HuaXinAn Electronics CO...
P2300EA HUAXINAN-P2300EA Datasheet
617Kb / 7P
   SIDACtor Protection Thyristor
More results

Similar Description - P2300EA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3203UBLRP LITTELFUSE-P3203UBLRP Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2703AC LITTELFUSE-P2703AC Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
SDP0080T023G5RP LITTELFUSE-SDP0080T023G5RP Datasheet
2Mb / 6P
   Teccor짰 brand SIDACtor짰 DSL Protection Devices
P0080S4BLRP LITTELFUSE-P0080S4BLRP Datasheet
653Kb / 4P
   Protection Thyristors
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com