Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOMO-II Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SOMO-II
Description  Embedded Audio-Sound Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOMO-II Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SOMO-II Datasheet HTML 3Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 4Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 5Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 6Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 7Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 8Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 9Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 10Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
4D SYSTEMS
SOMO-II
© 2014 4D SYSTEMS
Page 7 of 17
www.4dsystems.com.au
Function
Serial Command
Description
NEXT
7E 01 00 00 00 FF FF EF
If no track is currently playing, issuing the NEXT command will start
playing the first track copied to the media (see Section 6). If the
SOMO-II is currently playing a song or has previously played a song,
this will play the next song in the order copied on to the media.
PREVIOUS
7E 02 00 00 00 FF FE EF
If no track is currently playing, issuing the PREVIOUS command will
start playing the last track copied to the media (see Section 6). If the
SOMO-II is currently playing a song or has previously played a song,
this will play the previous song in the order copied on to the media.
SPECIFY
TRACK #
7E 03 00 00 01 FF FC EF
7E 03 00 00 02 FF FB EF
7E 03 00 00 0A FF F3 EF
Start playing the first track copied to the media. (See Section 6)
This will start playing the second track copied to the media.
This will start playing the tenth track copied to the media.
VOLUME +
7E 04 00 00 00 FF FC EF This will increase the volume by 1
VOLUME -
7E 05 00 00 00 FF FB EF This will decrease the volume by 1
VOLUME #
7E 06 00 00 1E FF DC EF
7E 06 00 00 05 FF F5 EF
This will set the volume to be 30 (30 is the Max)
This will set the volume to be 5
SPECIFY EQ
7E 07 00 00 01 FF F8 EF
7E 07 00 00 04 FF F5 EF
This will set the EQ to pop
This will set the EQ to classic
(0/1/2/3/4/5 Normal, Pop, Rock, Jazz, Classic, Bass)
REPEAT A
TRACK
7E 08 00 00 01 FF F7 EF
7E 08 00 00 02 FF F6 EF
7E 08 00 00 1F FF D9 EF
This will repeat the first track copied to the media. (See Section 6)
This will repeat the second track copied to the media.
This will repeat the thirty first track copied to the media.
PLAY SOURCE
7E 09 00 00 01 FF F6 EF
7E 09 00 00 02 FF F5 EF
This will set the SOMO-II to play from a USB Flash Drive
This will set the SOMO-II to play from a micro-SD Card
SLEEP
7E 0A 00 00 00 FF F6 EF
This will put the SOMO-II into a sleep state, which consumes low
power. To get the SOMO-II out of sleep, you need to use a PLAY
SOURCE command, followed by your next chosen command.
RESET
7E 0C 00 00 00 FF F4 EF This will reset the SOMO-II module, to be in its powered-on state
PLAY
7E 0D 00 00 00 FF F3 EF
Play the audio track selected (if selected) else the first track copied
on to the media (See Section 6)
PAUSE
7E 0E 00 00 00 FF F2 EF
Pause the current playing audio Track. If PLAY command is then
sent, the audio track will resume from where it was paused.
SPECIFY
FOLDER &
TRACK
7E 0F 00 01 01 FF EF EF
7E 0F 00 01 02 FF EE EF
7E 0F 00 05 09 FF E3 EF
This will start playing Track 1 from Folder 1. (See Section 6)
This will start playing Track 1 from Folder 2.
This will start playing Track 5 from Folder 9.
CONTINUOUS 7E 11 00 00 01 FF EE EF
This will enable continuous mode (disable RANDOM TRACK and
REPEAT CURRENT if previously enabled), which will play all songs on
the memory card, one after the other. Start track with PLAY.
STOP
7E 16 00 00 00 FF EA EF
Stop the current playing audio Track. If PLAY command is then sent,
the audio track will start from the beginning.
RANDOM
TRACK
7E 18 00 00 00 FF E8 EF
This will enable Random Mode (disable CONTINUOUS and REPEAT
CURRENT if previously enabled), which plays random tracks one
after the other, continuously. Start track with PLAY.
REPEAT
CURRENT
7E 19 00 00 00 FF E7 EF
This will enable the repeat play mode (disable CONTINUOUS and
RANDOM TRACK if previously enabled), which repeats the currently
playing track, so it will play over and over continuously. Track must
be playing before this command is sent.


Similar Part No. - SOMO-II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOMO-14D ETC2-SOMO-14D Datasheet
860Kb / 11P
   Embedded Audio-Sound Module
More results

Similar Description - SOMO-II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOMO-14D ETC2-SOMO-14D Datasheet
860Kb / 11P
   Embedded Audio-Sound Module
logo
Rohm
BD3861FS ROHM-BD3861FS Datasheet
149Kb / 14P
   Audio sound controller
BH3864F ROHM-BH3864F Datasheet
45Kb / 4P
   Audio sound controller
BD3882FV ROHM-BD3882FV Datasheet
260Kb / 6P
   Audio sound controller
BD3881FV ROHM-BD3881FV_1 Datasheet
340Kb / 6P
   Audio sound controller
logo
Taiwan Memory Technolog...
T62M0002A TMT-T62M0002A_07 Datasheet
63Kb / 7P
   Digital Sound Processor Embedded SRAM
logo
Rohm
BH3857AFV ROHM-BH3857AFV Datasheet
258Kb / 15P
   Audio sound controller
logo
Taiwan Memory Technolog...
T62M0002A TMT-T62M0002A Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com