Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL075-WA88 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # SSL075-WA88
Description  SnapLED 75 and SnapLED 150
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

SSL075-WA88 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  SSL075-WA88 Datasheet HTML 1Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 2Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 3Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 4Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 5Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 6Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 7Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 8Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SnapLED 75/150 Datasheet DS12 20121212
3
Product Nomenclature
The part number designation is explained as follows:
SSLABC-DEFG-xxxx
Where:
SSL
- designates the product type
ABC - designates the current bin (150 mA or 75 mA)
D
- designates the package type (N = Narrow or W = Wide)
E
- designates the color (O = Red-orange, A = Amber)
F
- indicates the chip information and binning and packaging scheme
G
- indicates the binning and testing scheme.
x
- designates the minimum flux and flux bin range
xxx
- option codes for full standard part number.
Test Conditions for Optical Characteristics at Junction Temperature
Philips Lumileds tests SnapLED emitters for 20ms integration time at T
a = 25ºC. This datasheet specifies performance at a constant temperature
of 25°C, except where noted.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market. SnapLED 75 and SnapLED 150 is
compliant to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the RoHS directive. Philips
Lumileds will not intentionally add the following restricted materials to the SnapLED 75 and SnapLED 150 lead, mercury, cadmium, hexavalent
chromium, polybrominated biphenyls (PBB) or polybrominated biphenyl ethers (PBDE).
General Information


Similar Part No. - SSL075-WA88

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-72NMF-R32 SUPERWORLD-SSL0705M-72NMF-R32 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-72NMF-R46 SUPERWORLD-SSL0705M-72NMF-R46 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-R10MF-R32 SUPERWORLD-SSL0705M-R10MF-R32 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-R10MF-R46 SUPERWORLD-SSL0705M-R10MF-R46 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
More results

Similar Description - SSL075-WA88

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS08 LUMILEDS-DS08 Datasheet
303Kb / 8P
   SnapLED 150
RD03 LUMILEDS-RD03 Datasheet
48Kb / 4P
   SnapLED 150 Emitter
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
   SnapLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com