Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCD-24PT(GFX) Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ULCD-24PT(GFX)
Description  2.4??LCD Display Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-24PT(GFX) Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ULCD-24PT(GFX) Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 9Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 10Page - List of Unclassifed Manufacturers ULCD-24PT(GFX) Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
µLCD-24PT(GFX)
Data Sheet
2.
Hardware Interface - Pins
The μLCD-24PT(GFX) provides both a hardware
and a software interface. This section describes in
detail the hardware interface pins of the device.
2.1 Serial Ports - COM0, COM1 UARTS
The PICASO-GFX2 has two dedicated hardware
Asynchronous Serial ports that can communicate
with external serial devices. These are referred to
as the COM0 and the COM1 serial ports.
The primary features are:
Full-Duplex 8 bit data transmission and
reception.
Data format: 8 bits, No Parity, 1 Stop bit.
Independent Baud rates from 300 baud up
to 256K baud.
Single byte transmits and receives or a
fully buffered service. The buffered service
feature runs in the background capturing
and buffering serial data without the user
application having to constantly poll any of
the serial ports. This frees up the
application to service other tasks.
A single byte serial transmission consists of the
start bit, 8-bits of data followed by the stop bit.
The start bit is always 0, while a stop bit is always
1. The LSB (Least Significant Bit, Bit 0) is sent out
first following the start bit. Figure below shows a
single byte transmission timing diagram.
COM0 is also the primary interface for 4DGL user
program downloads and chip configuration PmmC
programming.
Once
the
compiled
4DGL
application
program
(EVE
byte-code)
is
downloaded and the user code starts executing,
the serial port is then available to the user
application. Refer to Section 5. In-Circuit-Serial-
Programming (ICSP) for more details on PmmC
programming.
TX0 pin (Serial Transmit COM0):
Asynchronous Serial port COM0 transmit pin, TX0.
Connect this pin to external serial device receive
(Rx) signal. This pin is 5.0V tolerant.
RX0 pin (Serial Receive COM0):
Asynchronous Serial port COM0 receive pin, RX0.
Connect this pin to external serial device transmit
(Tx) signal. This pin is 5.0V tolerant.
TX1 pin (Serial Transmit COM1):
Asynchronous Serial port COM1 transmit pin, TX1.
Connect this pin to external serial device receive
(Rx) signal. This pin is 5.0V tolerant.
RX1 pin (Serial Receive COM1):
Asynchronous Serial port COM1 receive pin, RX1.
Connect this pin to external serial device transmit
(Tx) signal. This pin is 5.0V tolerant.
© 2011 4D Systems
www.4dsystems.com.au
Page 7 of 23


Similar Part No. - ULCD-24PT(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-24PT(SGC) ETC2-ULCD-24PT(SGC) Datasheet
1Mb / 22P
   2.4??Serial LCD Display Module
More results

Similar Description - ULCD-24PT(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-24PT(SGC) ETC2-ULCD-24PT(SGC) Datasheet
1Mb / 22P
   2.4??Serial LCD Display Module
EW162G0 ETC1-EW162G0 Datasheet
145Kb / 12P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM6448-S HANTRONIX-HDM6448-S Datasheet
217Kb / 17P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-TFH CRYSTAIFONTZ-CFAG12864T2-TFH Datasheet
537Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM64GS12-R HANTRONIX-HDM64GS12-R Datasheet
126Kb / 13P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-NFH CRYSTAIFONTZ-CFAG12864T2-NFH Datasheet
556Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM32GS12-8 HANTRONIX-HDM32GS12-8 Datasheet
131Kb / 14P
   LCD DISPLAY MODULE
HDM128GS24-1 HANTRONIX-HDM128GS24-1 Datasheet
138Kb / 10P
   LCD DISPLAY MODULE
HDM3224-CWL HANTRONIX-HDM3224-CWL Datasheet
608Kb / 17P
   LCD DISPLAY MODULE
logo
List of Unclassifed Man...
ULCD43(GFX) ETC2-ULCD43(GFX) Datasheet
3Mb / 25P
   4.3??LCD Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com