Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV95A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # BYV95A
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

BYV95A Datasheet(HTML) 1 Page - Digitron Semiconductors

  BYV95A Datasheet HTML 1Page - Digitron Semiconductors BYV95A Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
BYV95 & BYV96 SERIES
FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter
Symbol
BYV95A
BYV95B
BYV95C
BYV96D
BYV96E
Units
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
200
400
600
800
1000
Volts
Minimum avalanche breakdown voltage @
100µA
V(BR)
300
500
700
900
1100
Volts
Maximum average forward rectified current
0.375” lead length at TA = 55°C
I(AV)
1.5
Amps
Peak forward surge current, 10ms single
half sine-wave superimposed on rated load
@ TJ = 165°
IFSM
35.0
Amps
Maximum instantaneous forward voltage
@1.5A
TJ = 25°C
TJ = 165°C
VF
1.6
1.35
Volts
Maximum full load reverse current full cycle
average, 0.375” lead length at
TJ = 25°C
TJ = 165°C
IR(AV)
1.0
150.0
µA
Maximum DC reverse current at rated DC
blocking voltage
IR
2.0
µA
Maximum reverse recovery time (1)
trr
250
300
ns
Typical junction capacitance (2)
CJ
10.0
pF
Typical thermal resistance (3)
R
θJA
55.0
°C/W
Operating junction temperature range
TJ
-65 to +175
°C
Storage temperature range
Tstg
-65 to +200
°C
1.
Measure with IF = 0.5A, IR = 1.0A, Irr = 0.25A
2.
Measured at 1.0 MHz and applied reverse voltage of 4.0Volts
3.
Thermal resistance from junction to ambient at 0.375” lead length, PC board mounted
MECHANICAL CHARACTERISTICS
Case
SOD-57
Marking
Body painted, alpha-numeric
Polarity
Cathode band
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121214


Similar Part No. - BYV95A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95A PHILIPS-BYV95A Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYV95A EIC-BYV95A Datasheet
19Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
General Semiconductor
BYV95A GE-BYV95A Datasheet
52Kb / 2P
   MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV95A BILIN-BYV95A Datasheet
66Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV95A SYNSEMI-BYV95A Datasheet
33Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYV95A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com