Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A180C Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # A180C
Description  HIGH POWER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

A180C Datasheet(HTML) 1 Page - Digitron Semiconductors

  A180C Datasheet HTML 1Page - Digitron Semiconductors A180C Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
A180 SERIES
HIGH POWER RECTIFIER
MAXIMUM RATINGS
Rating
Symbol
A180
Unit
RMS forward current
IF(RMS)
236
A
Average forward current
IF(AV)
150
A
One cycle surge current
IFSM
3400
A
I2t for fusing, times ≥ 1.0 milliseconds
I2t
22000
A2s
Operating and storage temperature
range
TJ, Tstg
-40 to +200
°C
Mounting torque
90 to 100
10.2 to 11.3
In-lbs
N-m
VOLTAGE RATINGS
Parameter
A180
A
A180
B
A180
C
A180
D
A180
E
A180
M
A180
S
A180
N
A180
T
A180
P
A180
PA
A180
PB
A180
PC
A180
PD
A180
PE
Voltage
100V
200V
300V
400V
500V
600V
700V
800V
900V
1000V
1100V
1200V
1300V
1400V
1500V
ELECTRICAL AND THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
A180
Unit
Current – conducting state maximums
Forward voltage drop
VFM
TC = 143°C,
IF(AV) = 150A, 471A peak
1.3
V
Voltage – blocking state maximums
Repetitive peak reverse voltage (rated limit)
VRRM
1600
V
Non-repetitive peak reverse voltage (rated limit)
VRSM
V ≤ 5.0msec
1800
V
Reverse leakage current, mA peak
IRRM
TJ at max., VRRM = Rated
20
mA
Thermal characteristics
Maximum resistance, junction to case
R
ӨJC
0.3
°C/W
MECHANICAL CHARACTERISTICS
Case
DO-9(R)
Marking
Alpha-numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-9(R)
Inches
Millimeters
Min
Max
Min
Max
A
5.300
5.900
134.60
149.90
B
-
2.100
-
53.340
C
-
1.120
-
28.450
D
-
0.749
-
19.020
F
0.793
0.828
20.140
21.030
G
0.310
0.360
7.870
9.140
H
-
1.100
-
27.940
J
-
0.125
-
3.180
K
-
0.755
-
19.180
L
0.423
0.453
10.740
11.510
M
-
0.170
-
4.320
N
0.470
0.530
11.940
13.460
P
0.338
0.350
8.580
8.890
Q
1.218
1.250
30.940
31.750
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121218


Similar Part No. - A180C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A180 POWEREX-A180 Datasheet
372Kb / 4P
   SILICON RECTIFIER
logo
Tyco Electronics
A180 MACOM-A180 Datasheet
368Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A180 MA-COM-A180 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
List of Unclassifed Man...
A180 ETC2-A180 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
M/A-COM Technology Solu...
A180 MA-COM-A180 Datasheet
629Kb / 3P
   Cascadable Amplifier 10 to 500 MHz
More results

Similar Description - A180C

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N2054 DIGITRON-1N2054 Datasheet
123Kb / 2P
   HIGH POWER RECTIFIER
1N3288 DIGITRON-1N3288 Datasheet
156Kb / 3P
   HIGH POWER RECTIFIER
logo
Sensitron
SRS1150HE SENSITRON-SRS1150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3120HE SENSITRON-SRS3120HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3140HE SENSITRON-SRS3140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
logo
America Semiconductor, ...
MBR8045 AMERICASEMI-MBR8045 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
MBR8020 AMERICASEMI-MBR8020 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
logo
Sensitron
SRS3150HE SENSITRON-SRS3150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3130HE SENSITRON-SRS3130HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS1140HE SENSITRON-SRS1140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com