Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXK8-PW40-0012 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXK8-PW40-0012
Description  High efficacy plug and play array solution with precise flux, Vf and color
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK8-PW40-0012 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXK8-PW40-0012 Datasheet HTML 1Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 2Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 3Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 4Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 5Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 6Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 7Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 8Page - Lumileds Lighting Company LXK8-PW40-0012 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LUXEONKDatasheetDS10220140404©2014PhilipsLumiledsLightingCompany.
2
General Information
ProductNomenclature
LUXEONKproductsarespecifiedandbinned“hot”(T
j=85°C)underconditionscomparabletothosefoundin
“real-world”lightingproducts.
Thepartnumberdesignationisexplainedasfollows:
LXKA-PBCD-EFGHJ
Where:
A
— designatesminimumCRIperformance(value8=80minimum,value9=90minimum,value0for
RoyalBlue)
B
— designatescolor(valueW=White,valueR=RoyalBlue)
C,D — designatesnominalANSICCT(value27=2700K,30=3000K,35=3500K,40=4000K,50=5000K,
and04=RoyalBlue447.5nm-452.5nmpeakwavelength)
E,F — customspecdesignationormulti-junctiondesignation(F-Numberofstrings,Hnumberofemitters,
forexample0206,2stringsof3=totalemittersof6)
G,H— emittercount
J
— denotesafluxupgrade(e.g,A,B,C,etc)
Therefore,3000Kproductsspecifiedat350mA85°Cfollowthepartnumberingscheme:
LXK8-PW30-0004forLUXEONKWhite3000K4-up
LXK8-PW30-0008forLUXEONKWhite3000K8-up
LXK0-PR04-0008forLUXEONKRoyalBlue8-up
AverageLumenMaintenanceCharacteristics
Lumenmaintenanceforsolid-statelightingdevices(LEDs)istypicallydefinedintermsofthepercentageofinitial
lightoutputremainingafteraspecifiedperiodoftime.PhilipsLumiledsprojectsthatLUXEONKproductswilldeliver,
onaverage,70%lumenmaintenance(L70)at50,000hoursofoperationataforwardcurrentofupto700mA.This
projectionisbasedonconstantcurrentoperationwithjunctiontemperaturemaintainedatorbelow125°C.This
performanceisbasedonindependenttestdata,PhilipsLumiledshistoricaldatafromtestsrunonsimilarmaterial
systems,andinternalLUXEONreliabilitytesting.Observationofdesignlimitsincludedinthisdatasheetisrequiredin
ordertoachievethisprojectedlumenmaintenance.
EnvironmentalCompliance
PhilipsLumiledsiscommittedtoprovidingenvironmentallyfriendlyproductstothesolid-statelightingmarket.
LUXEONKiscomplianttotheEuropeanUniondirectivesontherestrictionofhazardoussubstancesinelectronic
equipment,namelytheRoHSdirective.PhilipsLumiledswillnotintentionallyaddthefollowingrestrictedmaterialsto
theLUXEONK:lead,mercury,cadmium,hexavalentchromium,polybrominatedbiphenyls(PBB)orpolybrominated
diphenylethers(PBDE).


Similar Part No. - LXK8-PW40-0012

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0012 LUMILEDS-LXK8-PW40-0012 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solution with precise flux, V and color
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
More results

Similar Description - LXK8-PW40-0012

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solution with precise flux, V and color
DS102 LUMILEDS-DS102 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Lumileds Lighting Compa...
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com