Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6158 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N6158
Description  SILICON BIDIRECTIONAL THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N6158 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N6158 Datasheet HTML 1Page - Digitron Semiconductors 2N6158 Datasheet HTML 2Page - Digitron Semiconductors 2N6158 Datasheet HTML 3Page - Digitron Semiconductors 2N6158 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N6157-2N6165
SILICON BIDIRECTIONAL THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage
(TJ = -65 to +125°C)
(1/2 sine wave 50 to 60Hz, gate open)
2N6157, 2N6160, 2N6163
2N6158, 2N6161, 2N6164
2N6159, 2N6162, 2N6165
VDRM
200
400
600
Volts
Peak gate voltage
VGM
10
Volts
RMS on-state current (full sine wave, 50 to 60Hz)
(TC = -65 to +85°C)
(TC = 100°C)
IT(RMS)
30
20
Amps
Peak non-repetitive surge current
(1 cycle, sine wave, 60 Hz preceded and followed by a 30A RMS current, TC = 85°C)
ITSM
250
Amps
Circuit fusing considerations (t = 8.3ms)
I2t
260
A2s
Peak gate power
(TJ = 80°C, pulse width = 2µs)
PGM
20
Watts
Average gate power
(TJ = 80°C, t = 8.3ms)
PG(AV)
0.5
Watts
Peak gate current
IGM
2.0
Amps
Operating junction temperature range
TJ
-65 to +125
°C
Storage temperature range
Tstg
-65 to +150
°C
Stud torque
30
In. lb.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
1
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak forward or reverse blocking current
(Rated VDRM or VRRM @ TJ = 25°C)
(Rated VDRM or VRRM @ TJ = 125°C)
IDRM,
IRRM
-
-
-
-
10
2
µA
mA
Peak on-state voltage (either direction)
(ITM = 42A peak, pulse width = 1 to 2 ms, duty cycle ≤ 2%)
VTM
-
1.5
2.0
Volts
Gate trigger current (continuous dc)(1)
(Main terminal voltage = 12V, RL = 50Ω)
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
MT2(+),G(+); MT2(-), G(-) TC = -65°C
MT2(+),G(-); MT2(-), G(+) TC = -65°C
IGT
-
-
-
-
-
-
15
20
20
30
-
-
60
70
70
100
200
250
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131


Similar Part No. - 2N6158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6158 MOTOROLA-2N6158 Datasheet
362Kb / 4P
   Silicon Bidirectional Triode Thyristors
More results

Similar Description - 2N6158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com