Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5444 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N5444
Description  40 AMP SILICON TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N5444 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N5444 Datasheet HTML 1Page - Digitron Semiconductors 2N5444 Datasheet HTML 2Page - Digitron Semiconductors 2N5444 Datasheet HTML 3Page - Digitron Semiconductors 2N5444 Datasheet HTML 4Page - Digitron Semiconductors 2N5444 Datasheet HTML 5Page - Digitron Semiconductors 2N5444 Datasheet HTML 6Page - Digitron Semiconductors 2N5444 Datasheet HTML 7Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N5441-2N5446, T6420 SERIES
40 AMP SILICON TRIACS
ELECTRICAL CHARACTERISTICS
Limits
For all types unless otherwise
specified
Units
Characteristic
Symbol
Min
Typ
Max
Critical rate of rise of off-state voltage(1)
For VD = VDROM, exponential voltage rise, gate open
TC = 110°C:
2N5441, 2N5444, T6420B
2N5442, 2N5445, T6420D
2N5443, 2N5446, T6420M
dv/dt
50
30
20
200
150
100
-
-
-
V/µs
DC trigger current
(VD = 12V, RL = 30Ω, TC = 25°C)
MT2(+),G(+)
MT2(-), G(-)
MT2(+), G(-)
MT2(-), G(+)
(VD = 12V, RL = 30Ω, TC = -65°C)
MT2(+),G(+)
MT2(-), G(-)
MT2(+), G(-)
MT2(-), G(+)
IGT
-
-
-
-
-
-
-
-
15
20
30
40
-
-
-
-
50
50
80
80
125
125
240
240
mA
DC gate trigger voltage(1)(2)
VD = 12V(dc), RL = 30Ω
TC = 25°C
TC = -65°C
VD = VDROM, RL = 125Ω, TC = 110°C
VGT
-
-
0.2
1.35
1.80
-
2.5
3.4
-
V
Gate controlled turn on time
(Delay time + rise time)
VD = VDROM, IGT = 200mA, tr = 0.1µs, IT = 60A(peak), TC = 25°C
tgt
-
1.7
3
µs
Thermal resistance, junction to case, steady state
Press fit types
Stud types
Isolated stud types
R
ӨJC
-
-
-
-
-
-
0.8
0.9
1
°C/W
Note 1: For either polarity of main terminal 2 voltage (VMT2) with reference to main terminal 1.
Note 2: For either polarity of gate voltage (VG) with reference to main terminal 1.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131


Similar Part No. - 2N5444

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5444 ETC1-2N5444 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
New Jersey Semi-Conduct...
2N5444 NJSEMI-2N5444 Datasheet
83Kb / 1P
   TRIAC, V(DRM) = 200V TO 299.9V
2N5444 NJSEMI-2N5444 Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5444 NJSEMI-2N5444 Datasheet
99Kb / 2P
   40-A Silicon Triacs
More results

Similar Description - 2N5444

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
Littelfuse
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
logo
DIOTEC Electronics Corp...
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
40SDB DEC-40SDB Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
logo
Motorola, Inc
MAC224A MOTOROLA-MAC224A Datasheet
53Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com