Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5060 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N5060
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N5060 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N5060 Datasheet HTML 1Page - Digitron Semiconductors 2N5060 Datasheet HTML 2Page - Digitron Semiconductors 2N5060 Datasheet HTML 3Page - Digitron Semiconductors 2N5060 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N5060-2N5064
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Characteristics
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Holding current (4)
(VAK = 7.0 Vdc, initiating current = 20mA)
TC = 25°C
TC = -40°C
IH
-
-
-
-
5.0
10
mA
Turn-on time
Delay time
Rise time
(IGT = 1.0 mA, VD = rated VDRM, forward current = 1.0 A,
di/dt = 6.0 A/µs)
td
tr
-
-
3.0
0.2
-
-
µs
Turn-off time
(forward current = 1.0 A pulse, Pulse width = 50µs, 0.1% duty
cycle, di/dt = 6.0 A/µs, dv/dt = 20 V/µs, IGT = 1 mA)
2N5060, 2N5061
2N5062, 2N5064
tq
-
-
10
30
-
-
µs
DYNAMIC CHARACTERISTICS
Critical rate of rise of off-state voltage
(Rated VDRM, exponential)
dv/dt
-
30
-
V/µs
2.
RGK = 1000Ω is included in measurement.
3.
Forward current applied for 1 ms maximum duration, duty cycle ≤ 1%.
4.
RGK current is not included in measurement.
MECHANICAL CHARACTERISTICS
Case
TO-92
Marking
Alpha-numeric
Pin out
See below
TO-92
Inches
Millimeters
Min
Max
Min
Max
A
0.175
0.205
4.450
5.200
B
0.170
0.210
4.320
5.330
C
0.125
0.165
3.180
4.190
D
0.016
0.022
0.410
0.550
F
0.016
0.019
0.410
0.480
G
0.045
0.055
1.150
1.390
H
0.095
0.105
2.420
2.660
J
0.015
0.020
0.390
0.500
K
0.500
-
12.700
-
L
0.250
-
6.350
-
N
0.080
0.105
2.040
2.660
P
-
0.100
-
2.540
R
0.115
-
2.930
-
V
0.135
-
3.430
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - 2N5060

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5060 BOCA-2N5060 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5060 CENTRAL-2N5060 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
ON Semiconductor
2N5060 ONSEMI-2N5060 Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
Central Semiconductor C...
2N5060 CENTRAL-2N5060 Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
logo
New Jersey Semi-Conduct...
2N5060 NJSEMI-2N5060 Datasheet
248Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N5060

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com