Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4212 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N4212
Description  SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4212 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N4212 Datasheet HTML 1Page - Digitron Semiconductors 2N4212 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N4212-2N4216, 2N4219
SILICON CONTROLLED RECTIFIERS
1.6 AMPS RMS, 25-400 VOLTS
MECHANICAL CHARACTERISTICS
Case
TO-39
Marking
Alpha-numeric
Pin out
See below
TO-39
Inches
Millimeters
Min
Max
Min
Max
A
0.335
0.370
8.510
9.390
B
0.305
0.335
7.750
8.500
C
0.240
0.260
6.100
6.600
D
0.016
0.021
0.410
0.530
E
0.009
0.041
0.230
1.040
F
0.016
0.019
0.410
0.480
G
0.200 BSC
5.080 BSC
H
0.028
0.034
0.720
0.860
J
0.029
0.045
0.740
1.140
K
0.500
0.750
12.700
19.050
L
0.250
-
6.350
-
M
45°C BSC
45°C BSC
P
-
0.050
-
1.270
R
0.100
-
2.540
-
CASE TEMPERATURE VS. CURRENT
AMBIENT TEMPERATURE VS. CURRENT
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130108


Similar Part No. - 2N4212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4213 MOTOROLA-2N4213 Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4213 NJSEMI-2N4213 Datasheet
96Kb / 1P
   SCR, V(DRM) = 50V TO 99.9V
logo
Motorola, Inc
2N4214 MOTOROLA-2N4214 Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIERS
2N4216 MOTOROLA-2N4216 Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4216 NJSEMI-2N4216 Datasheet
109Kb / 1P
   SCR, V(DRM) = 200V TO 299.9V
More results

Similar Description - 2N4212

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2322 CENTRAL-2N2322 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Solid States Devices, I...
SFS2326 SSDI-SFS2326 Datasheet
112Kb / 2P
   1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER
SFS1826 SSDI-SFS1826 Datasheet
108Kb / 2P
   1.6 AMPS 200 ??400 VOLTS SILICON CONTROLLED RECTIFIER
SFS2510 SSDI-SFS2510 Datasheet
142Kb / 2P
   25 AMPS 100 ??400 VOLTS FAST SWITCHING SILICON CONTROLLED RECTIFIER
logo
ON Semiconductor
MCR716 ONSEMI-MCR716 Datasheet
68Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers(SCRs 4.0 AMPERES RMS 400 - 600 VOLTS)
August, 2004 ??Rev. 4
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
CS65-70B CENTRAL-CS65-70B Datasheet
80Kb / 2P
   SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS
CS55B CENTRAL-CS55B Datasheet
125Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS55BZ CENTRAL-CS55BZ Datasheet
126Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com