Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6073A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N6073A
Description  SENSITIVE GATE TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N6073A Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N6073A Datasheet HTML 1Page - Digitron Semiconductors 2N6073A Datasheet HTML 2Page - Digitron Semiconductors 2N6073A Datasheet HTML 3Page - Digitron Semiconductors 2N6073A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N6068, A, B-2N6075,A, B
SENSITIVE GATE TRIACS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage (1) (TJ = 110°C)
2N6068, A, B
2N6069, A, B
2N6070, A, B
2N6071, A, B
2N6072, A, B
2N6073, A, B
2N6074, A, B
2N6075, A, B
VDRM
25
50
100
200
300
400
500
600
Volts
On-state current RMS (TC = 85°C)
IT(RMS)
4.0
Amp
Peak surge current (one full cycle, 60Hz, TJ = -40 to 110°C)
ITSM
30
Amp
Circuit fusing considerations (TJ = -40 to 110°C, t = 1.0 to 8.3ms)
I2t
3.6
A2s
Peak gate power
PGM
10
Watts
Average gate power
PG(AV)
0.5
Watt
Peak gate voltage
VGM
5.0
Volts
Operating junction temperature
TJ
-40 to 110
°C
Storage temperature
Tstg
-40 to 150
°C
Mounting torque (6-32) screw (2)
-
8.0
In. lb.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to case
R
ӨJC
3.5
°C/W
Thermal resistance, case to ambient
R
ӨCA
60
°C/W
NOTE 1: Ratings apply for gate open conditions. Thyristor devices shall not be tested with a constant current source for blocking capability such that the voltage applied exceeds the rated blocking
voltage.
NOTE 2: Torque rating applies with use of torque washer. Mounting torque in excess of 6 in. lb. does not appreciably lower case-to-sink thermal resistance. Main terminal 2 and heatsink contact
pad are common.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak blocking current (either direction)
Rated VDRM @ TJ = 110°C, gate open
IDRM
-
-
2.0
mA
On-state voltage (either direction)
ITM = 6.0A peak
VTM
-
-
2.0
Volts
Peak gate trigger voltage
Main terminal voltage = 12Vdc, RL = 100ohms, TJ = -40°C
MT2(+), G(+):MT2(-), G(-) All types
MT2(+), G(-): MT2(-), G(+) 2N6068A, B thru 2N6075A, B
Main terminal voltage = rated VDRM, RL = 10k ohms, TJ = 110°C
MT2(+), G(+):MT2(-), G(-) All types
MT2(+), G(-): MT2(-), G(+) 2N6068A, B thru 2N6075A, B
VGTM
-
-
0.2
0.2
1.4
1.4
-
-
2.5
2.5
-
-
Volts
Holding current (either direction)
Main terminal voltage = 12Vdc, gate open, TJ = -40°C
Initiating current = 1.0Adc
2N6068 thru 2N6075
2N6068A, B thru 2N6075A, B
Initiating current = 1.0Adc, TJ = 25°C
2N6068 thru 2N6075
2N6068A, B thru 2N6075A, B
IH
-
-
-
-
-
-
-
-
70
30
30
15
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131


Similar Part No. - 2N6073A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6073A MOTOROLA-2N6073A Datasheet
118Kb / 6P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
logo
ON Semiconductor
2N6073A ONSEMI-2N6073A Datasheet
119Kb / 8P
   Sensitive Gate Triacs
March, 2008 - Rev. 8
logo
Central Semiconductor C...
2N6073A CENTRAL-2N6073A Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
ON Semiconductor
2N6073A ONSEMI-2N6073A Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N6073A NJSEMI-2N6073A Datasheet
84Kb / 1P
   PEEK GATE TRIGGER CURRENT
More results

Similar Description - 2N6073A

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com