Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP17A Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 5KP17A
Description  5000W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

5KP17A Datasheet(HTML) 2 Page - Digitron Semiconductors

  5KP17A Datasheet HTML 1Page - Digitron Semiconductors 5KP17A Datasheet HTML 2Page - Digitron Semiconductors 5KP17A Datasheet HTML 3Page - Digitron Semiconductors 5KP17A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
5KP5.0-5KP110A
5000W TRANSIENT VOLTAGE SUPPRESSOR
ELECTRICAL CHARACTERISTICS
Breakdown Voltage
V(BR)
Reverse
Stand-Off
Voltage
VWM
(Note 1)
V(BR) @
l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum Peak
Pulse Current
lPP
Fig. 2
Maximum
Temperature
Coefficient of
V(BR) αV(BR)
Part
Number(2)
Volts
Volts
mA
Volts
µA
A
mV/°C
5KP12
12
13.3
16.3
5
22.0
10
227
11
5KP12A
12
13.3
14.7
5
19.9
10
251
11
5KP13
13
14.4
17.6
5
23.8
10
210
12
5KP13A
13
14.4
15.9
5
21.5
10
232
12
5KP14
14
15.6
19.1
5
25.8
10
194
13
5KP14A
14
15.6
17.2
5
23.2
10
215
13
5KP15
15
16.7
20.4
5
26.9
10
188
15
5KP15A
15
16.7
18.5
5
24.4
10
206
15
5KP16
16
17.8
21.8
5
28.8
10
176
18
5KP16A
16
17.8
19.7
5
26.0
10
192
16
5KP17
17
18.9
23.1
5
30.5
10
164
19
5KP17A
17
18.9
20.9
5
27.6
10
181
18
5KP18
18
20.0
24.4
5
32.2
10
155
20
5KP18A
18
20.0
22.1
5
29.2
10
172
19
5KP20
20
22.2
27.1
5
35.8
10
139
24
5KP20A
20
22.2
24.5
5
32.4
10
154
22
5KP22
22
24.4
29.8
5
39.4
10
127
27
5KP22A
22
24.4
26.9
5
35.5
10
141
24
5KP24
24
26.7
32.6
5
43.0
10
116
30
5KP24A
24
26.7
29.5
5
38.9
10
128
27
5KP26
26
28.9
35.3
5
46.6
10
107
33
5KP26A
26
28.9
31.9
5
42.1
10
119
29
5KP28
28
31.1
38.0
5
50.1
10
99
34
5KP28A
28
31.1
34.4
5
45.5
10
110
30
5KP30
30
33.3
40.7
5
53.5
10
93
38
5KP30A
30
33.3
36.8
5
48.4
10
103
35
5KP33
33
36.7
44.9
5
59.0
10
85
41
5KP33A
33
36.7
40.6
5
53.3
10
94
38
5KP36
36
40.0
48.9
5
64.3
10
78
45
5KP36A
36
40.0
44.2
5
58.1
10
86
40
5KP40
40
44.4
54.3
5
71.4
10
70
50
5KP40A
40
44.4
49.1
5
64.5
10
78
45
5KP43
43
47.8
58.4
5
76.7
10
65
54
5KP43A
43
47.8
52.8
5
69.4
10
72
49
5KP45
45
50.0
61.1
5
80.3
10
62
57
5KP45A
45
50.0
55.3
5
72.7
10
69
51
5KP48
48
53.3
65.1
5
85.5
10
58
62
5KP48A
48
53.3
58.9
5
77.4
10
65
55
5KP51
51
56.7
69.3
5
91.1
10
55
65
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120710


Similar Part No. - 5KP17A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP17A SURGE-5KP17A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP17A YFWDIODE-5KP17A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Vishay Siliconix
5KP17A VISHAY-5KP17A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Won-Top Electronics
5KP17A WTE-5KP17A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP17A SECOS-5KP17A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP17A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com