Electronic Components Datasheet Search |
|
2N3897 Datasheet(PDF) 1 Page - Digitron Semiconductors |
|
2N3897 Datasheet(HTML) 1 Page - Digitron Semiconductors |
1 / 5 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 2N3870-2N3873 SILICON CONTROLLED RECTIFIERS 2N3896-2N3899 REVERSE BLOCKING TRIODE THYRISTOR 2N6171-2N6174 35 AMPS RMS, 100-800 VOLTS Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. MAXIMUM RATINGS (TC = 100°C unless otherwise noted) Rating Symbol Value Unit Peak repetitive forward or reverse blocking voltage (1) (TJ = -40 to 100°C, ½ sine wave, 50-400 Hz, gate open) 2N3870, 2N3896, 2N6171 2N3871, 2N3897, 2N6172 2N3872, 2N3898, 2N6173 2N3873, 2N3899, 2N6174 VRRM or VDRM 100 200 400 600 Volts Peak non-repetitive forward or reverse blocking voltage (t ≤ 5ms) 2N3870, 2N3896, 2N6171 2N3871, 2N3897, 2N6172 2N3872, 2N3898, 2N6173 2N3873, 2N3899, 2N6174 VRSM or VDSM 150 330 660 700 Volts Average on-state current (2) (TC = -40 to 65°C) (TC = 85°C) IT(AV) 22 11 Amps Peak non-repetitive surge current (one cycle, 60Hz) (TC = 65°C) ITSM 350 Amps Circuit fusing (TC = -40 to 100°C) (t = 1 to 8.3 ms) I2t 510 A2s Peak gate power PGM 20 Watts Average gate power PG(AV) 0.5 Watt Peak forward gate current IGM 2 Amps Peak gate voltage VGM 10 Volts Operating junction temperature range TJ -40 to 100 °C Storage temperature range Tstg -40 to 150 °C Stud torque - 30 In. lb. Thermal resistance, junction to case 2N3870 – 2N3873, 2N3896-2N3899 2N6171-2N6174 R ӨJC 0.9 1 °C/W Note 1: Ratings apply for zero or negative gate voltage. Devices shall not have a positive bias applied to the gate concurrently with a negative potential on the anode. Devices should not be tested with a constant current source for forward or reverse blocking capability such that the voltage applied exceeds the rated blocking voltage. Note 2: Isolated stud devices must be derated an additional 10 percent. ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) Characteristic Symbol Min. Typ. Max. Unit Peak forward or reverse blocking current (Rated VDRM or VRRM, gate open, TJ = 100°C) 2N3870, 2N3896, 2N6171 2N3871, 2N3897, 2N6172 2N3872, 2N3898, 2N6173 2N3873, 2N3899, 2N6174 Rated VDRM or VRRM, gate open, TJ = 25°C) All devices IDRM, IRRM - - - - - 1 1 1 1 - 2.0 2.5 3.0 4.0 10 mA µA sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20130116 |
Similar Part No. - 2N3897 |
|
Similar Description - 2N3897 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |