Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5250 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # 1N5250
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N5250 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1N5250 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N5250 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N5250 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech 1N5250 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CE
1N5221 THRU 1N5281
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
1N5221…1N5249 SILICON PLANAR ZENER DIODES
Temp.Coefficient
of zener diode
VZNOM 3)
IZT
TKVZ
V
mA
mA
A
V
%/K
1N5221
2.4
<1200
<100
<-0.085
1N5222
2.5
<1250
1N5223
2.6
<1300
<75
<-0.080
<100
<-0.085
1N5224
2.8
<1400
<75
<-0.080
1N5225
3.0
<29
<1600
<50
<-0.075
1N5226
3.3
<28
<1600
<25
<-0.070
1N5227
3.6
<24
<1700
<15
<-0.065
1N5228
3.9
<23
<1900
<10
<-0.060
1N5229
4.3
<22
<2000
<+0.055
1N5230
4.7
<19
<1900
2.0
<+0.030
1N5231
5.1
<17
<1600
2.0
<+0.030
1N5232
5.6
<11
<1600
3.0
<+0.038
1N5233
6.0
<7
<1600
3.5
<+0.038
1N5234
6.2
<7
<1000
4.0
<+0.045
1N5235
6.8
<5
<750
5.0
<+0.050
1N5236
7.5
<6
<500
6.0
<+0.058
1N5237
8.2
<8
<500
6.5
<+0.062
1N5238
8.7
<8
6.5
<+0.065
1N5239
9.1
<10
7.0
<+0.068
1N5240
10
<17
8.0
<+0.075
1N5241
11
<22
<2
8.4
<+0.076
1N5242
12
<30
<1
9.1
<+0.077
1N5243
13
9.5
<13
<0.5
9.9
<+0.079
1N5244
14
9.0
<15
10
<+0.082
1N5245
15
8.5
<16
11
<+0.082
1N5246
16
7.8
<17
12
<+0.083
1N5247
17
7.4
<19
13
<+0.084
1N5248
18
7.0
<21
14
<+0.085
1N5249
19
6.6
<23
14
<+0.086
Type
IR 2) at VR
5
3
rzjt and rzjk at Izk
Maximum zener impedance 1)
20
Zener Voltage Range1)
Maximum Reverse
<30
<600
Leakage Current
0.1
0.25
1.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 4


Similar Part No. - 1N5250

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5250 SURGE-1N5250 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Micro Commercial Compon...
1N5250 MCC-1N5250 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
First Silicon Co., Ltd
1N5250 FS-1N5250 Datasheet
766Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Seme LAB
1N5250 SEME-LAB-1N5250 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
EIC discrete Semiconduc...
1N5250 EIC-1N5250 Datasheet
122Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N5250

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com