Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC08L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC08L-P14-R
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC08L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC08L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC08L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-213.C
DYNAMIC CHARACTERISTICS (Input: tR, tF≤3ns; PRR≤1MHz)
PARAMETER
SYMBOL
VCC(V)
MIN
TYP
MAX
UNIT
Propagation Delay from Input
(A and B) to Output(Y)
tPLH
VCC=3.3±0.3V, CL=15pF
6.2
8.8
ns
tPHL
6.2
8.8
tPLH
VCC=3.3±0.3V, CL=50pF
8.7
12.3
tPHL
8.7
12.3
Propagation Delay from Input
(A and B) to Output(Y)
tPLH
VCC=5.0±0.5V, CL=15pF
4.3
5.9
ns
tPHL
4.3
5.9
tPLH
VCC=5.0±0.5V, CL=50pF
5.8
7.9
tPHL
5.8
7.9
OPERATING CHARACTERISTICS (VCC=5V; TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz
18
pF


Similar Part No. - U74AHC08L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC08G-P14-R UTC-U74AHC08G-P14-R Datasheet
160Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-AND GATES
U74AHC08G-S14-R UTC-U74AHC08G-S14-R Datasheet
160Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-AND GATES
U74AHC08 UTC-U74AHC08_15 Datasheet
160Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - U74AHC08L-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com