Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SECU180EC-SA Datasheet(PDF) 4 Page - Sanken electric

Part # SECU180EC-SA
Description  3.0*1.4 Flat View LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECU180EC-SA Datasheet(HTML) 4 Page - Sanken electric

  SECU180EC-SA Datasheet HTML 1Page - Sanken electric SECU180EC-SA Datasheet HTML 2Page - Sanken electric SECU180EC-SA Datasheet HTML 3Page - Sanken electric SECU180EC-SA Datasheet HTML 4Page - Sanken electric SECU180EC-SA Datasheet HTML 5Page - Sanken electric SECU180EC-SA Datasheet HTML 6Page - Sanken electric SECU180EC-SA Datasheet HTML 7Page - Sanken electric SECU180EC-SA Datasheet HTML 8Page - Sanken electric SECU180EC-SA Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LED Data Sheet - SECU180EC-SA
● Outline
    SANKEN ELECTRIC COMPANY, LTD.
Material & Finish of leads
Material of resin
Embossed taping (5/1)
±0.05
±0.05
2.0
4.0
+0.1
-0
φ1.5
Part in bulk (10/1)
Cathode
Cathode index
4.0
SEC*100E Series Outline dimensions
1.4
Cathode
1.2
1.05
Anode
Direction of Feed
0.55
Resin
Max 0.1
1.6
0.23
Tolerance ±0.2
Finish
Material
Material
Ag plating
Copper
Silicone containing phosphor
Page 4 / 10


Similar Part No. - SECU180EC-SA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU1805C-S SANKEN-SECU1805C-S Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
More results

Similar Description - SECU180EC-SA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU120EC-S SANKEN-SECU120EC-S Datasheet
180Kb / 10P
   3.0*1.4 Flat View LED
SECG1WA0EY-S SANKEN-SECG1WA0EY-S Datasheet
207Kb / 12P
   3.0*1.4 Flat View LED
SECU190EC-S SANKEN-SECU190EC-S Datasheet
183Kb / 10P
   3.0*1.4 Flat View LED
SECG1D0EC-S SANKEN-SECG1D0EC-S Datasheet
199Kb / 11P
   3.0*1.4 Flat View LED
logo
Everlight Electronics C...
28-21SURC-S530-XX-TR8 EVERLIGHT-28-21SURC-S530-XX-TR8 Datasheet
150Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SDRC-S530-XX-XXX EVERLIGHT-28-21SDRC-S530-XX-XXX Datasheet
249Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX_11 Datasheet
275Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21UYC-S530-XX-XXX TO-GRACE-28-21UYC-S530-XX-XXX Datasheet
592Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
Everlight Electronics C...
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX Datasheet
184Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21SDRC-S530-XX-XXX TO-GRACE-28-21SDRC-S530-XX-XXX Datasheet
895Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com