Electronic Components Datasheet Search |
|
AR1100-IMQ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
AR1100-IMQ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 12 page 4 Data Sheet 4.9-5.8 GHz High-Linearity Power Amplifier SST11LP12 ©2010 Silicon Storage Technology, Inc. S71278-04-000 12/10 ELECTRICAL SPECIFICATIONS The AC and DC specifications for the power amplifier interface signals. Refer to Table 2 for the DC voltage and current spec- ifications. Refer to Figures 3 through 8 for the RF performance. Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Supply Voltage at pins 4, 14, 15, 16 (VCC).............................................. -0.3V to +4.8V DC supply current (ICC) ................................................................. 500 mA Operating Temperature (TA) ....................................................... -40ºC to +85ºC Storage Temperature (TSTG) ...................................................... -40ºC to +120ºC Maximum Junction Temperature (TJ)....................................................... +150ºC Surface Mount Solder Reflow Temperature....................................... 260°C for 10 seconds OPERATING RANGE Range Ambient Temp VCC Industrial -40°C to +85°C 3.3V TABLE 2: DC Electrical Characteristics Symbol Parameter Min. Typ Max. Unit Test Conditions VCC Supply Voltage at pins 4, 14, 15, 16 2.7 3.3 3.6 V ICC Supply Current @ POUT = 23 dBm at VCC = 3.3V 400 mA ICQ VCC quiescent current 150 mA IOFF Shut down current <1.0 µA VREG Reference Voltage for recommended application 2.85 3.0 V T2.0 1278 |
Similar Part No. - AR1100-IMQ |
|
Similar Description - AR1100-IMQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |