Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST11LP12 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SST11LP12 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SST11LP12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 9Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 10Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
7
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
TYPICAL PERFORMANCE CHARACTERISTICS
Test Conditions: VCC = 3.3V, TA = 25°C, VREG = 2.85V unless otherwise specified
EVM for 54 Mbps operation
FIGURE 4: EVM versus Output Power
FIGURE 5: Power Supply Current versus Output Power
1278 F4.1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
EVM versus Output Power
4.920 GHz
5.180 GHz
5.500 GHz
5.805 GHz
1278 F5.2
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
360
370
380
390
400
410
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
Supply Current versus Output Power
4.920 GHz
5.180 GHz
5.500 GHz
5.805 GHz


Similar Part No. - SST11LP12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12 Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12-QCF SST-SST11LP12-QCF Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12-QCF-K SST-SST11LP12-QCF-K Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - SST11LP12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com