Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6B Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # KBU6B
Description  SINGLE PHASE GLASS BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

KBU6B Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  KBU6B Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech KBU6B Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CE
KBU6A THRU KBU6M
CHENYI ELECTRONICS
SINGLE PHASE GLASS
BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:6.0A
RATINGS AND CHARACTERISTIC CURVES KBU6A THRU KBU6M
FIG.1-MAXIMUM NON-REPETITIVE FORWARD
FIG.2-TYPICAL FORWARD CURRENT
SURGE CURRENT
DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


Similar Part No. - KBU6B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU6B PANJIT-KBU6B Datasheet
124Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU6B BILIN-KBU6B Datasheet
131Kb / 3P
   Silicon Bridge Rectifiers
logo
DAESAN ELECTRONIC CORP.
KBU6B DAESAN-KBU6B Datasheet
228Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU6B KISEMICONDUCTOR-KBU6B Datasheet
61Kb / 2P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Semtech Corporation
KBU6B SEMTECH-KBU6B Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU6B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBPC1005 CHENYI-KBPC1005 Datasheet
129Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
KBPC6005 CHENYI-KBPC6005 Datasheet
149Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
KBL005 CHENYI-KBL005 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
KBP005 CHENYI-KBP005 Datasheet
134Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
KBP005 NJSEMI-KBP005 Datasheet
81Kb / 1P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
2W005THRU2W10 CHENYI-2W005THRU2W10 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com