Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR1AM14A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR1AM14A
Description  Triac
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR1AM14A Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR1AM14A Datasheet HTML 1Page - Renesas Technology Corp BCR1AM14A Datasheet HTML 2Page - Renesas Technology Corp BCR1AM14A Datasheet HTML 3Page - Renesas Technology Corp BCR1AM14A Datasheet HTML 4Page - Renesas Technology Corp BCR1AM14A Datasheet HTML 5Page - Renesas Technology Corp BCR1AM14A Datasheet HTML 6Page - Renesas Technology Corp BCR1AM14A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCR1AM-14A
Preliminary
R07DS1076EJ0200 Rev.1.00
Page 2 of 6
Apr 03, 2014
Electrical Characteristics
Parameter
Symbol
BCR1AM-14A-1
(IGT item : 1)
BCR1AM-14A
Unit
Test conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Repetitive peak off-state current
IDRM
0.5
0.5
mA
Tj = 125
°C
VDRM applied
On-state voltage
VTM
1.6
1.6
V
Tc = 25
°C, ITM = 1.5 A
instantaneous
measurement
Gate trigger voltage
Note2
I
VFGTΙ
2.0
2.0
V
Tj = 25
°C, VD = 6 V
RL = 6
Ω, RG = 330 Ω
II
VRGTΙ
2.0
2.0
V
III
VRGTΙΙΙ
2.0
2.0
V
IV
VFGTΙΙΙ
2.0
2.0
V
Gate trigger curent
Note2
I
IFGTΙ
5
5
mA
Tj = 25
°C, VD = 6 V
RL = 6
Ω, RG = 330 Ω
II
IRGTΙ
3
5
mA
III
IRGTΙΙΙ
3
5
mA
IV
IFGTΙΙΙ
10
10
mA
Gate non-trigger voltage
VGD
0.1
0.1
V
Tj = 125
°C
VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
50
50
°C/W Junction to case
Note3
Critical-rate of rise of off-state
commutating voltage
Note4
(dv/dt)c
1.0
2.0
V/
μs Tj = 125°C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured at the T2 terminal 1.5 mm away from the molded case.
4. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
°C
2. Rate of decay of on-state commutating current
(di/dt)c = – 0.5 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR1AM14A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR1AM POWEREX-BCR1AM Datasheet
70Kb / 4P
   Lead-Mount Triac 1 Ampere/400-600 Volts
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR1AM-12 POWEREX-BCR1AM-12 Datasheet
70Kb / 4P
   Lead-Mount Triac 1 Ampere/400-600 Volts
logo
Renesas Technology Corp
BCR1AM-12 RENESAS-BCR1AM-12 Datasheet
136Kb / 7P
   Triac Low Power Use
logo
Apollo Electron Co., Lt...
BCR1AM-12 APOLLOELECTRON-BCR1AM-12 Datasheet
1Mb / 6P
   Sensitive Triac
More results

Similar Description - BCR1AM14A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com