Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTC2655K3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # BTC2655K3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC2655K3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  BTC2655K3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC2655K3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC2655K3 Datasheet HTML 3Page - Cystech Electonics Corp. BTC2655K3 Datasheet HTML 4Page - Cystech Electonics Corp. BTC2655K3 Datasheet HTML 5Page - Cystech Electonics Corp. BTC2655K3 Datasheet HTML 6Page - Cystech Electonics Corp. BTC2655K3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C602K3
Issued Date : 2011.12.21
Revised Date :2013.12.25
Page No. : 7/7
BTC2655K3
CYStek Product Specification
TO-92L Dimension
*: Typical
Inches
Millimeters
Inches
C2655
□□
Marking:
Style: Pin 1.Emitter 2.Collector 3.Base
3-Lead TO-92L Plastic Package
CYStek Package Code: K3
Product Name
Date Code: Year+Month
Year: 7→2007, 8→2008
9→9, A→10, B→11, C→12
Month: 1→1, 2→2, ‧‧‧,
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.146
0.161
3.700
4.100
E
0.307
0.323
7.800
8.200
A1
0.050
0.062
1.280
1.580
e
*0.05
*1.270
b
0.014
0.022
0.350
0.550
e1
0.096
0.104
2.440
2.640
b1
0.024
0.031
0.600
0.800
L
0.543
0.559
13.800
14.200
c
0.014
0.018
0.350
0.450
ϕ
-
0.063
-
1.600
D
0.185
0.201
4.700
5.100
h
0.000
0.012
0.000
0.300
D1
0.157
-
4.000
-
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - BTC2655K3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC2655S3 CYSTEKEC-BTC2655S3 Datasheet
267Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTC2655K3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com