Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2422 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N2422
Description  SILICON UNIJUNCTION TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N2422 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N2422 Datasheet HTML 1Page - Digitron Semiconductors 2N2422 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N2417 - 2N2422, A, B
SILICON UNIJUNCTION TRANSISTOR
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power dissipation(1)
PD
350
mW
RMS emitter current
IE
70
mA
Peak pulse emitter current (2)
ie
2
Amps
Emitter reverse voltage
VB2E
60
Volts
Interbase voltage
VB2B1
65
Volts
Operating junction temperature range
TJ
-65 to 175
°C
Storage temperature range
Tstg
-65 to 175
°C
Note 1: Derate 2.33mW/°C increase in ambient temperature. The total power dissipation must be limited by the external circuitry.
Note 2: Capacitor discharge – 10µF or less, 30 volts or less.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Intrinsic standoff ratio
(VB2B1 = 10V) (1)
2N2417, 2N2417A, 2N2417B
2N2418, 2N2418A, 2N2418B
2N2419, 2N2419A, 2N2419B
2N2420, 2N2420A, 2N2420B
2N2421, 2N2421A, 2N2422B
2N2422, 2N2422A, 2N2422B
η
0.51
0.51
0.56
0.56
0.62
0.62
-
-
-
-
-
-
0.62
0.62
0.68
0.68
0.75
0.75
-
-
-
-
-
-
Interbase resistance
(VB2B1 = 3V, IE = 0)
2N2417, 2N2417A, 2N2417B
2N2418, 2N2418A, 2N2418B
2N2419, 2N2419A, 2N2419B
2N2420, 2N2420A, 2N2420B
2N2421, 2N2421A, 2N2422B
2N2422, 2N2422A, 2N2422B
rBB
4.7
6.2
4.7
6.2
4.7
6.2
-
-
-
-
-
-
6.8
9.1
6.8
9.1
6.8
9.1
kohms
Emitter saturation voltage
(VB2B1 = 10V, IE = 50mA)(2)
VEB1(sat)
-
3.5
-
Volts
Modulated interbase current
(VB2B1 = 10V, IE = 50mA)
IB2(mod)
-
15
-
mA
Emitter reverse current
(IB1 = 0)
VB2E = 60V
VB2E = 60V
VB2E = 30V
2N2417, 2N2418, 2N2419, 2N2420,
2N2421, 2N2422
2N2417A, 2N2418A, 2N2419A,
2N2420A, 2N2421A, 2N2422A
2N2417B, 2N2418B, 2N2419B,
2N2420B, 2N2421B, 2N2422B
IEB2O
-
-
-
-
-
-
2
2
0.2
µA
Peak point emitter current
(VB2B1 = 25V)
2N2417, 2N2418, 2N2419, 2N2420,
2N2421, 2N2422
2N2417A, 2N2418A, 2N2419A,
2N2420A, 2N2421A, 2N2422A
2N2417B, 2N2418B, 2N2419B,
2N2420B, 2N2421B, 2N2422B
IEB2O
-
-
-
-
-
-
12
12
6
µA
Valley point current
(VB2B1 = 20V, RB2 = 100ohms)(2)
IV
8
-
-
mA
Base-one peak pulse voltage(3)
2N2417, 2N2418, 2N2419, 2N2420,
2N2421, 2N2422
2N2417A, 2N2418A, 2N2419A,
2N2420A, 2N2421A, 2N2422A
2N2417B, 2N2418B, 2N2419B,
2N2420B, 2N2421B, 2N2422B
VOB1
-
3
3
-
-
-
-
-
-
V
Note 1: Intrinsic standoff voltage: η = VP-VF/VB2B1, where VP = peak point emitter voltage , VB2B1 = interbase voltage, VF = emitter to base one junction diode drop
(≈ 0.45V @ 10µA).
Note 2: PW ≈ 300µs, duty cycle ≤ 2% to avoid internal heating due to interbase modulation which may result in erroneous readings
Note 3: Base one peak pulse voltage is used to ensure minimum pulse amplitude for applications in SCR firing circuits and other types of pulse circuits.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121019


Similar Part No. - 2N2422

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2422 CENTRAL-2N2422 Datasheet
177Kb / 4P
   MU4893
logo
New Jersey Semi-Conduct...
2N2422 NJSEMI-2N2422 Datasheet
144Kb / 1P
   Diode
logo
Central Semiconductor C...
2N2422A CENTRAL-2N2422A Datasheet
177Kb / 4P
   MU4893
logo
New Jersey Semi-Conduct...
2N2422A NJSEMI-2N2422A Datasheet
144Kb / 1P
   Diode
logo
Central Semiconductor C...
2N2422B CENTRAL-2N2422B Datasheet
177Kb / 4P
   MU4893
More results

Similar Description - 2N2422

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
BSV57B TFUNK-BSV57B Datasheet
38Kb / 2P
   Silicon Unijunction Transistor
logo
NXP Semiconductors
2N2646 PHILIPS-2N2646 Datasheet
488Kb / 4P
   Silicon unijunction transistor
December 1990
logo
New Jersey Semi-Conduct...
2N5431 NJSEMI-2N5431 Datasheet
115Kb / 1P
   SILICON UNIJUNCTION TRANSISTOR
logo
Digitron Semiconductors
MU4891 DIGITRON-MU4891 Datasheet
199Kb / 2P
   SILICON UNIJUNCTION TRANSISTOR
MU2646 DIGITRON-MU2646 Datasheet
121Kb / 2P
   SILICON UNIJUNCTION TRANSISTOR
2N2646 DIGITRON-2N2646 Datasheet
206Kb / 2P
   SILICON UNIJUNCTION TRANSISTOR
logo
Central Semiconductor C...
2N4851 CENTRAL-2N4851 Datasheet
716Kb / 2P
   PN SILICON UNIJUNCTION TRANSISTOR
logo
New Jersey Semi-Conduct...
PN6116 NJSEMI-PN6116 Datasheet
89Kb / 1P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6116 NJSEMI-2N6116 Datasheet
164Kb / 2P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Digitron Semiconductors
2N489 DIGITRON-2N489 Datasheet
343Kb / 6P
   NPN SILICON UNIJUNCTION TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com