Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2K Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # S2K
Description  SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

S2K Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  S2K Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech S2K Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CE
S2A THRU S2M
CHENYI ELECTRONICS
SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5Amperes
RATINGS AND CHARACTERISTIC CURVES S2A THRU S2M
FLG.1-FORWARD CURRENT
FIG.2-TYPICAL INSTANTANEOUS FORWARD
DERATING CURVE
CHARACTERISTICS
FIG.3-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


Similar Part No. - S2K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S2K CHENG-YI-S2K Datasheet
113Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S2K PANJIT-S2K Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2K CHONGQING-S2K Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Leshan Radio Company
S2K LRC-S2K Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Diotec Semiconductor
S2K DIOTEC-S2K Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - S2K

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
S1A CHENYI-S1A Datasheet
200Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
RS1A CHENYI-RS1A Datasheet
166Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SF11 CHENYI-SF11 Datasheet
153Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SM4001 CHENYI-SM4001 Datasheet
142Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Yixinwei Techn...
S1A YIXIN-S1A Datasheet
278Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Jinan Jing Heng Electro...
DB151 JINGHENG-DB151 Datasheet
61Kb / 2P
   GALSS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com