Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CNNOPB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM10CNNOPB
Description  LM10 Operational Amplifier and Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10CNNOPB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM10CNNOPB Datasheet HTML 1Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 2Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 3Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 4Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 5Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 6Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM10CNNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LM10
SNOSBH4D – MAY 1998 – REVISED MARCH 2013
www.ti.com
Figure 3. PDIP Package (P)
Figure 4.
See Package Number P (R-PDIP-T8)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
LM10/LM10B/
LM10BL/
LM10C
LM10CL
Total Supply Voltage
45V
7V
Differential Input Voltage(4)
±40V
±7V
Power Dissipation(5)
internally limited
Output Short-circuit Duration(6)
continuous
Storage-Temp. Range
−55°C to +150°C
Lead Temp. (Soldering, 10 seconds)
TO
300°C
Lead Temp. (Soldering, 10 seconds) DIP
260°C
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD rating is to be determined.
Maximum Junction Temperature
LM10
150°C
LM10B
100°C
LM10C
85°C
(1)
Refer to RETS10X for LM10H military specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The Input voltage can exceed the supply voltages provided that the voltage from the input to any other terminal does not exceed the
maximum differential input voltage and excess dissipation is accounted for when VIN<V
.
(5)
The maximum, operating-junction temperature is 150°C for the LM10, 100°C for the LM10B(L) and 85°C for the LM10C(L). At elevated
temperatures, devices must be derated based on package thermal resistance.
(6)
Internal thermal limiting prevents excessive heating that could result in sudden failure, but the IC can be subjected to accelerated stress
with a shorted output and worst-case conditions.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM10


Similar Part No. - LM10CNNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10CN NSC-LM10CN Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CN TI-LM10CN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
LM10CN TI1-LM10CN Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CN/NOPB TI1-LM10CN/NOPB Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
Cynergy3 Co
LM10CN10 CYNERGY3-LM10CN10 Datasheet
1Mb / 2P
   For smaller tanks and restricted space
More results

Similar Description - LM10CNNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com