Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324J
Description  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM324J Datasheet HTML 1Page - National Semiconductor (TI) LM324J Datasheet HTML 2Page - National Semiconductor (TI) LM324J Datasheet HTML 3Page - National Semiconductor (TI) LM324J Datasheet HTML 4Page - National Semiconductor (TI) LM324J Datasheet HTML 5Page - National Semiconductor (TI) LM324J Datasheet HTML 6Page - National Semiconductor (TI) LM324J Datasheet HTML 7Page - National Semiconductor (TI) LM324J Datasheet HTML 8Page - National Semiconductor (TI) LM324J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
www.ti.com
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
Check for Samples: LM124-N, LM224-N, LM2902-N, LM324-N
1
FEATURES
ADVANTAGES
2
Internally Frequency Compensated for Unity
Eliminates Need for Dual Supplies
Gain
Four Internally Compensated Op Amps in a
Large DC Voltage Gain 100 dB
Single Package
Wide Bandwidth (Unity Gain) 1 MHz
Allows Directly Sensing Near GND and VOUT
(Temperature Compensated)
also Goes to GND
Wide Power Supply Range:
Compatible with All Forms of Logic
Single Supply 3V to 32V
Power Drain Suitable for Battery Operation
or Dual Supplies ±1.5V to ±16V
DESCRIPTION
Very Low Supply Current Drain (700
The LM124-N series consists of four independent,
μA)—Essentially Independent of Supply
high
gain,
internally
frequency
compensated
Voltage
operational
amplifiers
which
were
designed
Low Input Biasing Current 45 nA (Temperature
specifically to operate from a single power supply
Compensated)
over a wide range of voltages. Operation from split
power supplies is also possible and the low power
Low Input Offset Voltage 2 mV
supply current drain is independent of the magnitude
and Offset Current: 5 nA
of the power supply voltage.
Input Common-Mode Voltage Range Includes
Application areas include transducer amplifiers, DC
Ground
gain blocks and all the conventional op amp circuits
Differential Input Voltage Range Equal to the
which now can be more easily implemented in single
Power Supply Voltage
power supply systems. For example, the LM124-N
Large Output Voltage Swing 0V to V+
− 1.5V
series can be directly operated off of the standard
+5V power supply voltage which is used in digital
systems and will easily provide the required interface
UNIQUE CHARACTERISTICS
electronics without requiring the additional ±15V
In the Linear Mode the Input Common-Mode
power supplies.
Voltage Range Includes Ground and the
Output Voltage can also Swing to Ground,
Even Though Operated from Only a Single
Power Supply Voltage
The Unity Gain Cross Frequency is
Temperature Compensated
The Input Bias Current is also Temperature
Compensated
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM324J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM324J NSC-LM324J Datasheet
469Kb / 20P
   Low Power Quad Operational Amplifiers
August 2000
logo
Texas Instruments
LM324J TI1-LM324J Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM324J TI-LM324J Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM324J TI1-LM324J Datasheet
2Mb / 34P
[Old version datasheet]   Low-Power, Quad-Operational Amplifiers
REVISED JANUARY 2015
LM324J TI1-LM324J Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Quad-Operational Amplifier
JUNE 2017
More results

Similar Description - LM324J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM124-N TI1-LM124-N_13 Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
MLM324P TI-MLM324P Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM124-N TI1-LM124-N Datasheet
564Kb / 22P
[Old version datasheet]   LM124/LM224/LM324/LM2902 Low Power Quad Operational Amplifiers
LM318N TI-LM318N Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com